| Electronic Components Datasheet Search |
|
SH7034B Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7034B Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 687 page ![]() Section 2 CPU Rev. 7.00 Jan 31, 2006 page 23 of 658 REJ09B0272-0700 Table 2.5 Immediate Data Accessing Classification SH7000 Series CPU Conventional CPU 8-bit immediate MOV #H'12,R0 MOV.B #H'12,R0 16-bit immediate MOV.W @(disp,PC),R0 ......... .DATA.W H'1234 MOV.W #H'1234,R0 32-bit immediate MOV.L @(disp,PC),R0 ......... .DATA.L H'12345678 MOV.L #H'12345678, R0 Note: The address of the immediate data is accessed by @(disp, PC). Absolute Address: When data is accessed by absolute address, the value already in the absolute address is placed in the memory table. By loading the immediate data when the instruction is executed, that value is transferred to the register and the data is accessed in the indirect register addressing mode. Table 2.6 Absolute Address Accessing Classification SH7000 Series CPU Conventional CPU Absolute address MOV.L @(disp,PC),R1 MOV. B @R1,R0 ......... .DATA.L H'12345678 MOV.B @H'12345678,R0 Note: The address of the immediate data is accessed by @(disp, PC). 16/32-Bit Displacement: When data is accessed by 16-bit or 32-bit displacement, the pre-existing displacement value is placed in the memory table. By loading the immediate data when the instruction is executed, that value is transferred to the register and the data is accessed in the indirect indexed register addressing mode. Table 2.7 Accessing by Displacement Classification SH7000 Series CPU Conventional CPU 16-bit displacement MOV.W @(disp,PC),R0 MOV.W @(R0,R1),R2 ......... .DATA.W H'1234 MOV.W @(H'1234,R1),R2 Note: The address of the immediate data is accessed by @(disp, PC). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |