Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21272SNFP Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R5F21272SNFP
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  485 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21272SNFP Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R5F21272SNFP Datasheet HTML 87Page - Renesas Technology Corp R5F21272SNFP Datasheet HTML 88Page - Renesas Technology Corp R5F21272SNFP Datasheet HTML 89Page - Renesas Technology Corp R5F21272SNFP Datasheet HTML 90Page - Renesas Technology Corp R5F21272SNFP Datasheet HTML 91Page - Renesas Technology Corp R5F21272SNFP Datasheet HTML 92Page - Renesas Technology Corp R5F21272SNFP Datasheet HTML 93Page - Renesas Technology Corp R5F21272SNFP Datasheet HTML 94Page - Renesas Technology Corp R5F21272SNFP Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 485 page
background image
R8C/26 Group, R8C/27 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 74 of 453
REJ09B0278-0210
X: 0 or 1
NOTE:
1. For N, D version only.
X: 0 or 1
NOTES:
1. Since the XCIN-XCOUT oscillation buffer operates with internal step-down power, the XCOUT output level cannot be used as
the CMOS level signal directly.
2. For N, D version only.
Table 7.35
Port P4_6/XIN/XCIN
Register
CM0
CM1
Circuit specifications
Function
Bit
CM01
CM04
CM05
CM13
CM12
CM11
CM10
Oscillation
buffer
Feedback
resistor
Setting
value
X0
1
0
X
X
0
OFF
−
Input port
0X
0
1X
0
0
ON
ON
XIN clock oscillation (on-chip
feedback resistor enabled)
1ON
OFF
XIN clock oscillation (on-chip
feedback resistor disabled)
1
0
OFF
ON
External clock input
0OFF
ON
XIN clock oscillation stop (on-chip
feedback resistor enabled)
1OFF
OFF
XIN clock oscillation stop (on-chip
feedback resistor disabled)
11
OFF
OFF
XIN clock oscillation stop (stop
mode)
1
1
XX
0
X
0
ON
ON
XCIN clock oscillation (on-chip
feedback resistor enabled)(1)
1ON
OFF
XCIN clock oscillation (on-chip
feedback resistor disabled)(1)
0
0OFF
ON
External XCIN clock input(1)
0OFF
ON
XCIN clock oscillation stop (on-
chip feedback resistor enabled)(1)
1OFF
OFF
XCIN clock oscillation stop (on-
chip feedback resistor disabled)(1)
11
OFF
OFF
XCIN clock oscillation stop (stop
mode)(1)
Table 7.36
Port P4_7/XOUT/XCOUT
Register
CM0
CM1
Circuit specifications
Function
Bit
CM01
CM04
CM05
CM13
CM12
CM11
CM10
Oscillation
buffer
Feedback
resistor
Setting
value
X
010
X
X
0
OFF
−
Input port
0X
0
1X
0
0
ON
ON
XIN clock oscillation (on-chip
feedback resistor enabled)
1ON
OFF
XIN clock oscillation (on-chip
feedback resistor disabled)
1
0
OFF
ON
External clock input
0OFF
ON
XIN clock oscillation stop (on-chip
feedback resistor enabled)
1OFF
OFF
XIN clock oscillation stop (on-chip
feedback resistor disabled)
11
OFF
OFF
XOUT pulled up(2)
1
1
XX
0
X
0
ON
ON
XCIN clock oscillation (on-chip
feedback resistor enabled)(1, 2)
1ON
OFF
XCIN clock oscillation (on-chip
feedback resistor disabled)(1, 2)
0
0OFF
ON
External XCIN clock input(2)
0OFF
ON
XCIN clock oscillation stop (on-
chip feedback resistor enabled)(2)
1OFF
OFF
XCIN clock oscillation stop (on-
chip feedback resistor disabled)(2)
11
OFF
OFF
XCOUT pulled up(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com