Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7059 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SH7059
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7059 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SH7059 Datasheet HTML 9Page - Renesas Technology Corp SH7059 Datasheet HTML 10Page - Renesas Technology Corp SH7059 Datasheet HTML 11Page - Renesas Technology Corp SH7059 Datasheet HTML 12Page - Renesas Technology Corp SH7059 Datasheet HTML 13Page - Renesas Technology Corp SH7059 Datasheet HTML 14Page - Renesas Technology Corp SH7059 Datasheet HTML 15Page - Renesas Technology Corp SH7059 Datasheet HTML 16Page - Renesas Technology Corp SH7059 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page xiii of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
7.1.2 Block Diagram
Figure 7.1 INTC Block Diagram
102
7.1.2 Block Diagram
Figure 7.1 INTC Block Diagram
SSU interrupt request added to CPU/DMAC request
judgment
7.2.5 On-Chip Peripheral Module Interrupts
105
7.2.5 On-Chip Peripheral Module Interrupts
Synchronous communication unit (SSU) added
7.2.6 Interrupt Exception Vectors and Priority Rankings
Table 7.3 Interrupt Exception Processing Vectors and
Priorities
113, 114
Interrupt Source
Interrupt Source
SCI0
ERI0
RXI0
TXI0
SCI2
ERI2
RXI2
TXI2
7.2.6 Interrupt Exception Vectors and Priority Rankings
Table 7.3 Interrupt Exception Processing Vectors and
Priorities
Interrupt Source: SSU added
Interrupt Source
SCI0/
SSU0*
ERI0/
SSERI0
RXI0/
SSRXI0
TXI0/
SSTSI0
SCI2/
SSU1*
ERI2/
SSERI1
RXI2/
SSRXI1
TXI2/
SSTSI1
7.3.1 Interrupt Priority Registers A–L (IPRA–IPRL)
Table 7.4 Interrupt Request Sources and IPRA–IPRL
116
Bits
Register
15–12
7–4
Interrupt priority register K
SCI0
SCI2
7.3.1 Interrupt Priority Registers A–L (IPRA–IPRL)
Table 7.4 Interrupt Request Sources and IPRA–IPRL
Table amended
Bits
Register
15–12
7–4
Interrupt priority register K
SCI0/SSU0*
SCI2/SSU1*
7.3.1 Interrupt Priority Registers A–L (IPRA–IPRL)
116
If multiple on-chip peripheral modules are assigned to the
same bit (DMAC0 and DMAC1, DMAC2 and DMAC3,
CMT0, A/D0, and MTAD0, and CMT1, A/D1, and MTAD1),
those multiple modules are set to the same priority rank.
IPRA–IPRL are initialized to H'0000 by a reset and in
hardware standby mode. They are not initialized in
software standby mode.
7.3.1 Interrupt Priority Registers A–L (IPRA–IPRL)
Description amended
If multiple on-chip peripheral modules are assigned to the
same bit (DMAC0 and DMAC1, DMAC2 and DMAC3,
CMT0, A/D0, and MTAD0, CMT1, A/D1, and MTAD1, SCI0
and SSU0*, and SCI2 and SSU1*), those multiple modules
are set to the same priority rank.
IPRA–IPRL are initialized to H'0000 by a reset, in hardware
standby mode and in software standby mode.
7.3.3 IRQ Status Register (ISR)
118
A reset and hardware standby mode initialize ISR but
software standby mode does not.
7.3.3 IRQ Status Register (ISR)
Description amended
A reset, hardware standby mode and software standby
mode initialize ISR .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com