Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6433637SW Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 56Page - Renesas Technology Corp HD6433637SW Datasheet HTML 57Page - Renesas Technology Corp HD6433637SW Datasheet HTML 58Page - Renesas Technology Corp HD6433637SW Datasheet HTML 59Page - Renesas Technology Corp HD6433637SW Datasheet HTML 60Page - Renesas Technology Corp HD6433637SW Datasheet HTML 61Page - Renesas Technology Corp HD6433637SW Datasheet HTML 62Page - Renesas Technology Corp HD6433637SW Datasheet HTML 63Page - Renesas Technology Corp HD6433637SW Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 418 page
background image
46
Reset state
Program halt state
Exception-handling state
Program execution state
Reset cleared
SLEEP instruction executed
Reset
occurs
Interrupt
source
Reset
occurs
Exception-
handling
request
Exception-
handling
complete
Reset occurs
Figure 2.15 State Transitions
2.7.2
Program Execution State
In the program execution state the CPU executes program instructions in sequence.
There are three modes in this state, two active modes (high speed and medium speed) and one
subactive mode. Operation is synchronized with the system clock in active mode (high speed and
medium speed), and with the subclock in subactive mode. See section 5, Power-Down Modes for
details on these modes.
2.7.3
Program Halt State
In the program halt state there are four modes: sleep mode, standby mode, watch mode, and
subsleep mode. See section 5, Power-Down Modes for details on these modes.
2.7.4
Exception-Handling State
The exception-handling state is a transient state occurring when exception handling is started by a
reset or interrupt and the CPU changes its normal processing flow. In exception handling caused
by an interrupt, SP (R7) is referenced and the PC and CCR values are saved on the stack.
For details on interrupt handling, see 3.3, Interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com