Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6433637SW Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 223Page - Renesas Technology Corp HD6433637SW Datasheet HTML 224Page - Renesas Technology Corp HD6433637SW Datasheet HTML 225Page - Renesas Technology Corp HD6433637SW Datasheet HTML 226Page - Renesas Technology Corp HD6433637SW Datasheet HTML 227Page - Renesas Technology Corp HD6433637SW Datasheet HTML 228Page - Renesas Technology Corp HD6433637SW Datasheet HTML 229Page - Renesas Technology Corp HD6433637SW Datasheet HTML 230Page - Renesas Technology Corp HD6433637SW Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 418 page
background image
213
Section 10 Serial Communication Interface
10.1
Overview
The H8/3637S Series is provided with a two-channel serial communication interface (SCI), SCI1
and SCI3. Table 10.1 summarizes the functions and features of the two SCI channels.
Table 10.1
Serial Communication Interface Functions
Channel
Functions
Features
SCI1
Synchronous serial transfer
• Choice of 8-bit or 16-bit data length
• Continuous clock output
• Choice of 8 internal clocks (ø/1024 to ø/2)
or external clock
• Open drain output possible
• Interrupt requested at completion of
transfer
SCI3
Synchronous serial transfer
• 8-bit data transfer
• Send, receive, or simultaneous
send/receive
Asynchronous serial transfer
• Multiprocessor communication
function
• Choice of 7-bit or 8-bit data length
• Choice of 1-bit or 2-bit stop bit
length
• Odd or even parity
• Built-in baud rate generator
• Receive error detection
• Break detection
• Interrupt requested at completion of
transfer or error
10.2
SCI1
10.2.1
Overview
Serial communication interface 1 (SCI1) performs synchronous serial transfer of 8-bit or 16-bit
data.
Features: Features of SCI1 are given below.
• Choice of 8-bit or 16-bit data length
• Choice of eight internal clock sources (ø/1024, ø/256, ø/64, ø/32, ø/16, ø/8, ø/4, ø/2) or an
external clock
• Interrupt requested at completion of transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com