Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6433636SW Datasheet(PDF) 223 Page - Renesas Technology Corp

Part # HD6433636SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433636SW Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button HD6433636SW Datasheet HTML 219Page - Renesas Technology Corp HD6433636SW Datasheet HTML 220Page - Renesas Technology Corp HD6433636SW Datasheet HTML 221Page - Renesas Technology Corp HD6433636SW Datasheet HTML 222Page - Renesas Technology Corp HD6433636SW Datasheet HTML 223Page - Renesas Technology Corp HD6433636SW Datasheet HTML 224Page - Renesas Technology Corp HD6433636SW Datasheet HTML 225Page - Renesas Technology Corp HD6433636SW Datasheet HTML 226Page - Renesas Technology Corp HD6433636SW Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 418 page
background image
209
Bit 4—Timer Control/Status Register W Write Enable (TCSRWE): Bit 4 controls writing
of data to bits 2 and 0 of TCSRW.
Bit 4: TCSRWE
Description
0
Writing of data to bits 2 and 0 is disabled
(initial value)
1
Writing of data to bits 2 and 0 is enabled
Bit 3—Bit 2 Write Inhibit (B2WI): Bit 3 controls writing of data to bit 2 of TCSRW.
This bit is always read as 1. Data is not stored if written to this bit.
Bit 3: B2WI
Description
0
Writing to bit 2 is enabled
1
Writing to bit 2 is disabled
(initial value)
Bit 2—Watchdog Timer On (WDON): Bit 2 control watchdog timer operation.
The count-up starts when this bit is set to 1, and stops when it is cleared to 0.
Bit 2: WDON
Description
0
Watchdog timer operation disabled
(initial value)
[Clearing condition]
In a reset, or when 0 is written to WDON while writing 0 to B2WI when
TCSRWE is set to 1
1
Watchdog timer operation enabled
[Setting condition]
When 1 is written to WDON while writing 0 to B2WI when TCSRWE is set to
1
Bit 1—Bit 0 Write Inhibit (B0WI): Bit 1 controls writing of data to bit 0 of timer
control/status register W.
This bit is always read as 1. Data is not stored if written to this bit.
Bit 1: B0WI
Description
0
Writing to bit 0 is enabled
1
Writing to bit 0 is disabled
(initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com