Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6433635SW Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 268Page - Renesas Technology Corp HD6433635SW Datasheet HTML 269Page - Renesas Technology Corp HD6433635SW Datasheet HTML 270Page - Renesas Technology Corp HD6433635SW Datasheet HTML 271Page - Renesas Technology Corp HD6433635SW Datasheet HTML 272Page - Renesas Technology Corp HD6433635SW Datasheet HTML 273Page - Renesas Technology Corp HD6433635SW Datasheet HTML 274Page - Renesas Technology Corp HD6433635SW Datasheet HTML 275Page - Renesas Technology Corp HD6433635SW Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 418 page
background image
258
SCI3 operates as follows during data transmission in synchronous mode.
SCI3 monitors bit TDRE in SSR. When this bit is cleared to 0, SCI3 recognizes that there is data
written in the transmit data register (TDR), which it transfers to the transmit shift register (TSR).
Then TDRE is set to 1 and transmission starts. If bit TIE in SCR3 is set to 1, a TXI interrupt is
requested.
If clock output is selected, SCI3 outputs eight serial clock pulses. If an external clock is used, data
is output in synchronization with the clock input.
Serial data is transmitted from pin TXD in order from LSB (bit 0) to MSB (bit 7).
After that, it checks TDRE at the same timing which it transmits the MSB (bit 7). If TDRE is 0,
data is transferred from TDR to TSR, and after the MSB (bit 7) is sent, transmission of the next
frame starts. If TDRE is 1, the TEND bit in SSR is set to 1, and after the MSB (bit 7) is sent, the
MSB state is maintained. A TEI interrupt is requested in this state if bit TEIE in SCR3 is set to 1.
After data transmission ends, pin SCK
3 is held at the high level.
Note:
Data transmission cannot take place while any of the receive error flags (OER, FER, PER)
is set to 1. Be sure to confirm that these error flags are cleared to 0 before starting
transmission.
Figure 10.15 shows a typical SCI3 transmit operation in synchronous mode.
Serial
clock
Serial data
TDRE
TEND
Bit 0
Bit 7
Bit 0
Bit 1
Bit 6
Bit 7
Bit 1
TXI
request
TDRE cleared to 0
TXI
request
TEI request
1 frame
1 frame
SCI3
operation
User
processing
Write data in TDR
Figure 10.15 Typical SCI3 Transmit Operation in Synchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com