Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32176 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # 32176
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER
PDF  742 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32176 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button 32176 Datasheet HTML 89Page - Renesas Technology Corp 32176 Datasheet HTML 90Page - Renesas Technology Corp 32176 Datasheet HTML 91Page - Renesas Technology Corp 32176 Datasheet HTML 92Page - Renesas Technology Corp 32176 Datasheet HTML 93Page - Renesas Technology Corp 32176 Datasheet HTML 94Page - Renesas Technology Corp 32176 Datasheet HTML 95Page - Renesas Technology Corp 32176 Datasheet HTML 96Page - Renesas Technology Corp 32176 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 742 page
background image
4
EIT
4-5
32176 Group Hardware Manual
Rev.1.10 REJ09B0067-0110 Jun 20.06
When an EIT is accepted, the CPU branches to the EIT vector after hardware preprocessing (as will be described
later). The EIT vector has an entry address assigned for each EIT. This is where the BRA (branch) instruction for
the EIT handler (not the jump address itself) is written.
In the hardware preprocessing, the content of the PC and PSW registers is transferred to the backup register
(BPC register and BPSW field in the PSW register).
Other necessary operations must be performed in the user-created EIT handler. These include saving the BPC
register and PSW register (including the BPSW field) and the general-purpose registers to be used in the EIT
handler to the stack. In addition, the accumulator must be saved to the stack as necessary. Remember that all
these registers must be saved to the stack in a program by the user.
When processing by the EIT handler is completed, restore the saved registers from the stack and finally execute
the RTE instruction. Control is thereby returned from the EIT processing to the program that was being executed
when the EIT occurred. (This does not apply to the System Break Interrupt, however.)
In the hardware postprocessing, the content of the backup register (BPC register and BPSW field in the PSW
register) is returned to the PC and PSW registers. Note that the values stored in the BPC and the PSW register’s
BPSW field after executing the RTE instruction are undefined.
4.3 EIT Processing Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com