Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7049 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # SH7049
Description  Renesas 32-Bit RISC Microcomputer SuperHTMRISC engine Family/SH7000 Series
PDF  764 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7049 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button SH7049 Datasheet HTML 45Page - Renesas Technology Corp SH7049 Datasheet HTML 46Page - Renesas Technology Corp SH7049 Datasheet HTML 47Page - Renesas Technology Corp SH7049 Datasheet HTML 48Page - Renesas Technology Corp SH7049 Datasheet HTML 49Page - Renesas Technology Corp SH7049 Datasheet HTML 50Page - Renesas Technology Corp SH7049 Datasheet HTML 51Page - Renesas Technology Corp SH7049 Datasheet HTML 52Page - Renesas Technology Corp SH7049 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 764 page
background image
Rev. 2.00, 09/04, page 9 of 720
Type
Symbol
I/O
Name
Function
HTxD1
Output
Transmitted
data
The CAN bus transmission pin
HCAN2
HRxD1
Input
Received data The CAN bus reception pin
PUOA
Output
U-phase of
PWM
U-phase output pin for 6-phase non-
overlap PWM waveforms.
PUOB
Output
U-phase of
PWM
U-phase output pin for 6-phase non-
overlap PWM waveforms.
PVOA
Output
V-phase of
PWM
V-phase output pin for 6-phase non-
overlap PWM waveforms.
PVOB
Output
V-phase of
PWM
V-phase output pin for 6-phase non-
overlap PWM waveforms.
PWOA
Output
W-phase of
PWM
W-phase output pin for 6-phase non-
overlap PWM waveforms.
PWOB
Output
W-phase of
PWM
W-phase output pin for 6-phase non-
overlap PWM waveforms.
Motor
management
timer
(MMT)
PCIO
Input/
Output
PWM control
Counter clear input pin by external input
or output pin for toggle synchronized with
PWM period.
Output
control for
MTU and
MMT
POE6 to
POE0
Input
Port output
control
Input pins for the signal to request the
output pins of MTU or MMT to become
high impedance state.
AN15 to AN0 Input
Analog input
pins
Analog input pins.
ADTRG
Input
Input of trigger
for A/D
conversion
Pin for input of an external trigger to start
A/D conversion
AVCC
Input
Analog power
supply
Power supply pin for the A/D converter.
When the A/D converter is not used,
connect this pin to the system power
supply (+5 V). Connect all AVCC pins to
the power supply. The chip does not
operate normally when some of these pins
are open.
A/D
converter
AVSS
Input
Analog ground The ground pin for the A/D converter.
Connect this pin to the system power
supply (0 V). Connect all AVSS pins to the
system power supply The chip does not
operate normally when some of these pins
are open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com