Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 344 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 340Page - Renesas Technology Corp SH7052 Datasheet HTML 341Page - Renesas Technology Corp SH7052 Datasheet HTML 342Page - Renesas Technology Corp SH7052 Datasheet HTML 343Page - Renesas Technology Corp SH7052 Datasheet HTML 344Page - Renesas Technology Corp SH7052 Datasheet HTML 345Page - Renesas Technology Corp SH7052 Datasheet HTML 346Page - Renesas Technology Corp SH7052 Datasheet HTML 347Page - Renesas Technology Corp SH7052 Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 919 page
background image
318
10.2.25
Reload Register (RLDR)
The reload register is a 16-bit register. The ATU-II has one RLDR register in channel 8.
Reload Register 8 (RLDR8)
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
RLDR8 is a 16-bit readable/writable register. When reload is enabled (by a setting in RLDENR)
and DSTR8I to DSTR8P are set to 1 by the channel 2 compare-match signal one-shot pulse start
trigger, the reload register value is transferred to DCNT8I to DCNT8P before the down-count is
started. The reload register value is not transferred when the one-shot pulse function is used
independently, without linkage to channel 2, or when down-counters DCNT8I to DCNT8P are
running.
RLDR8 can only be accessed by a word read or write.
RLDR is initialized to H'0000 by a power-on reset, and in hardware standby mode and software
standby mode.
10.2.26
Channel 10 Registers
Counters (TCNT)
Channel 10 has seven TCNT counters: one 32-bit TCNT, four 16-bit TCNTs, and two 8-bit
TCNTs.
The input clock is selected with prescaler register 4 (PSCR4). Count operations are performed by
setting STR10 to 1 in timer start register 1 (TSTR1).
Channel
Abbreviation
Function
10
TCNT10AH, AL
32-bit free-running counter (initial value H'00000001)
TCNT10B
8-bit event counter (initial value H'00)
TCNT10C
16-bit reload counter (initial value H'0001)
TCNT10D
8-bit correction counter (initial value H'00)
TCNT10E
16-bit correction counter (initial value H'0000)
TCNT10F
16-bit correction counter (initial value H'0001)
TCNT10G
16-bit free-running counter (initial value H'0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com