Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 77Page - Renesas Technology Corp SH7052 Datasheet HTML 78Page - Renesas Technology Corp SH7052 Datasheet HTML 79Page - Renesas Technology Corp SH7052 Datasheet HTML 80Page - Renesas Technology Corp SH7052 Datasheet HTML 81Page - Renesas Technology Corp SH7052 Datasheet HTML 82Page - Renesas Technology Corp SH7052 Datasheet HTML 83Page - Renesas Technology Corp SH7052 Datasheet HTML 84Page - Renesas Technology Corp SH7052 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 919 page
background image
55
Section 4 Clock Pulse Generator (CPG)
4.1
Overview
The clock pulse generator (CPG) supplies clock pulses inside the SH7052F/SH7053F/SH7054F
chip and to external devices. The SH7052F/SH7053F/SH7054F CPG consists of an oscillator
circuit and a PLL multiplier circuit. There are two methods of generating a clock with the CPG: by
connecting a crystal resonator, or by inputting an external clock. The oscillator circuit oscillates at
the same frequency as the input clock. A chip operating frequency of 4 times the oscillator
frequency is generated by the PLL multiplier circuit.
The CPG is halted in software standby mode and hardware standby mode.
4.1.1
Block Diagram
A block diagram of the clock pulse generator is shown in figure 4.1.
Oscillator circuit
CPG
EXTAL
XTAL
PLLVcc
PLLVss
PLLCAP
CK
(system clock)
Internal clock
f
× 4
PLL multiplier circuit
Figure 4.1 Block Diagram of Clock Pulse Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com