Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 370Page - Renesas Technology Corp SH7052 Datasheet HTML 371Page - Renesas Technology Corp SH7052 Datasheet HTML 372Page - Renesas Technology Corp SH7052 Datasheet HTML 373Page - Renesas Technology Corp SH7052 Datasheet HTML 374Page - Renesas Technology Corp SH7052 Datasheet HTML 375Page - Renesas Technology Corp SH7052 Datasheet HTML 376Page - Renesas Technology Corp SH7052 Datasheet HTML 377Page - Renesas Technology Corp SH7052 Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 919 page
background image
348
Pø
TST6A
TCNT6A
Clock
TCNT6A
CYLR6A
BFR6A
DTR6A
TO6A
TSR6
Write to
BFR6A
No PWM output for 1 cycle
after activation
Cycle
Cycle
Cycle
Data = 0000
Data = 0004
Data = 0001
Cycle
Duty = 100%
Cycle
Duty = 0%
Cleared by software
Cleared by software
Cleared by software
0001
0004
0000
0002
0002
0004
0003
0002
0001
0004
0003
0002
0001
0004
0003
0002
0001
0004
0003
0002
0001
0001
0002
0003
0004
0001
0004
0000
Figure 10.21 PWM Timer Operation
Channel 6 can be used in complementary PWM mode by making a setting in the PWM mode
control register (PMDR). On-duty or off-duty can also be selected with a setting in PMDR.
When TCNT6 is started by a setting in TSTR, it starts counting up. When TCNT6 reaches the
CYLR6 value, it starts counting down, and on reaching H'000, starts counting up again. The
counter status is shown by TSR6. When TCNT6 underflows, an interrupt request can be sent to the
CPU by setting the corresponding bit in TIER. When TCNT6 matches the duty register (DTR6)
value, the output is inverted. The output prior to the match depends on the PMDR setting. When a
value including dead time is set in DTR6, a maximum of 4-phase PWM output is possible. Data
transfer from BFR6 to DTR6 is performed when TCNT6 underflows.
An example of channel 6 complementary PWM mode operation is shown in figure 10.22.
In the example in figure 10.22, H'0004 is set in channel 6 CYLR6A, and H'0002, H'0003, H'0004
(100%), and H'0000 (0%) in BFR6A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com