Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 410 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 410 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 406Page - Renesas Technology Corp SH7052 Datasheet HTML 407Page - Renesas Technology Corp SH7052 Datasheet HTML 408Page - Renesas Technology Corp SH7052 Datasheet HTML 409Page - Renesas Technology Corp SH7052 Datasheet HTML 410Page - Renesas Technology Corp SH7052 Datasheet HTML 411Page - Renesas Technology Corp SH7052 Datasheet HTML 412Page - Renesas Technology Corp SH7052 Datasheet HTML 413Page - Renesas Technology Corp SH7052 Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 919 page
background image
384
Sample Setup Procedure for Event Counter Operation: An example of the setup procedure for
event counter operation is shown in figure 10.61.
1. Set the number of events to be counted in a general register (GR9A to GR9D). Also, if
necessary, an interrupt request can be sent to the CPU upon compare-match by making a
setting in the timer interrupt enable register (TIER).
2. Set the port control register, corresponding to the port for signal input to the event counter, to
ATU event counter input.
3. Select the event counter count edge with the EGSEL bits in the channel 9 timer control register
(TCR9A to TCR9C).
4. Input a signal to the event counter input pin.
Set number of events
1
Set port-ATU-II connection
2
Select counter clock
3
Start event input
4
Event counter operation
Start
Figure 10.61 Sample Setup Procedure for Event Counter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com