Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 417Page - Renesas Technology Corp SH7052 Datasheet HTML 418Page - Renesas Technology Corp SH7052 Datasheet HTML 419Page - Renesas Technology Corp SH7052 Datasheet HTML 420Page - Renesas Technology Corp SH7052 Datasheet HTML 421Page - Renesas Technology Corp SH7052 Datasheet HTML 422Page - Renesas Technology Corp SH7052 Datasheet HTML 423Page - Renesas Technology Corp SH7052 Datasheet HTML 424Page - Renesas Technology Corp SH7052 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 919 page
background image
395
Contention between DCNT Write and Counter Clearing by Underflow: With the channel 8
down-counters (DCNT8A to DCNT8P), if the count is halted due to underflow occurring in the T2
state of a down-counter write cycle by the CPU, retention of the H'0000 value has priority and the
write to DCNT by the CPU is not performed. Writing of 1 to the interrupt status flag (OSF) when
the underflow occurs is performed in the same way as for normal underflow.
The timing in this case is shown in figure 10.72. In this example, a write of H'5555 to DCNT is
attempted at the same time as DCNT underflows.
Pø
T1
DCNT address
Internal write signal
DCNT input clock
Underflow signal
Address
5555
Write data
DCNT
Interrupt status flag
(OSF)
T2
0000
0000
0001
H'0000 retained when DCNT halts
Figure 10.72 Contention between DCNT Write and Underflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com