Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 434 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 430Page - Renesas Technology Corp SH7052 Datasheet HTML 431Page - Renesas Technology Corp SH7052 Datasheet HTML 432Page - Renesas Technology Corp SH7052 Datasheet HTML 433Page - Renesas Technology Corp SH7052 Datasheet HTML 434Page - Renesas Technology Corp SH7052 Datasheet HTML 435Page - Renesas Technology Corp SH7052 Datasheet HTML 436Page - Renesas Technology Corp SH7052 Datasheet HTML 437Page - Renesas Technology Corp SH7052 Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 919 page
background image
408
CR
Port function
selection
Upper 8 bits
of POPCR
Lower 8 bits
of POPCR
Reset signal
Set signal
APC output pins
(PULS0 to PULS7)
Compare-match
signal
Compare-match
signal
GR11B
GRIIA
Figure 11.2 Advanced Pulse Controller Output Operation
11.3.2
Advanced Pulse Controller Output Operation
Example of Setting Procedure for Advanced Pulse Controller Output Operation: Figure 11.3
shows an example of the setting procedure for advanced pulse controller output operation.
1. Set general registers GR11A and GR11B as output compare registers with the timer I/O
control register (TIOR).
2. Set the pulse rise point with GR11A and the pulse fall point with GR11B.
3. Select the timer counter 11 (TCNT11) counter clock with the timer prescale register (PSCR).
TCNT11 can only be cleared by an overflow.
4. Enable the respective interrupts with the timer interrupt enable register (TIER).
5. Set the pins for 1 output and 0 output with POPCR.
6. Set the control register for the port to be used by the APC to the APC output pin function.
7. Set the STR bit to 1 in the timer start register (TSTR) to start timer counter 11 (TCNT11).
8. Each time a compare-match interrupt is generated, update the GR value and set the next pulse
output time.
9. Each time a compare-match interrupt is generated, update the POPCR value and set the next
pin for pulse output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com