Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 465 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 465 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 461Page - Renesas Technology Corp SH7052 Datasheet HTML 462Page - Renesas Technology Corp SH7052 Datasheet HTML 463Page - Renesas Technology Corp SH7052 Datasheet HTML 464Page - Renesas Technology Corp SH7052 Datasheet HTML 465Page - Renesas Technology Corp SH7052 Datasheet HTML 466Page - Renesas Technology Corp SH7052 Datasheet HTML 467Page - Renesas Technology Corp SH7052 Datasheet HTML 468Page - Renesas Technology Corp SH7052 Datasheet HTML 469Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 919 page
background image
439
Section 14 Serial Communication Interface (SCI)
14.1
Overview
The SH7052F/SH7053F/SH7054F has a serial communication interface (SCI) with five
independent channels.
The SCI supports both asynchronous and synchronous serial communication. It also has a
multiprocessor communication function for serial communication between two or more
processors, and a clock inverted input/output function.
14.1.1
Features
The SCI has the following features:
• Selection of asynchronous or synchronous as the serial communication mode
 Asynchronous mode
Serial data communication is synchronized in character units. The SCI can communicate
with a universal asynchronous receiver/transmitter (UART), an asynchronous
communication interface adapter (ACIA), or any other chip that employs standard
asynchronous serial communication. It can also communicate with two or more other
processors using the multiprocessor communication function. There are twelve selectable
serial data communication formats.
• Data length: seven or eight bits
• Stop bit length: one or two bits
• Parity: even, odd, or none
• Multiprocessor bit: one or none
• Receive error detection: parity, overrun, and framing errors
• Break detection: by reading the RxD level directly when a framing error occurs
 Synchronous mode
Serial data communication is synchronized with a clock signal. The SCI can communicate
with other chips having a synchronous communication function. There is one serial data
communication format.
• Data length: eight bits
• Receive error detection: overrun errors
• Serial clock inverted input/output
• Full duplex communication: The transmitting and receiving sections are independent, so the
SCI can transmit and receive simultaneously. Both sections use double buffering, so
continuous data transfer is possible in both the transmit and receive directions.
• On-chip baud rate generator with selectable bit rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com