Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 523 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 523 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 519Page - Renesas Technology Corp SH7052 Datasheet HTML 520Page - Renesas Technology Corp SH7052 Datasheet HTML 521Page - Renesas Technology Corp SH7052 Datasheet HTML 522Page - Renesas Technology Corp SH7052 Datasheet HTML 523Page - Renesas Technology Corp SH7052 Datasheet HTML 524Page - Renesas Technology Corp SH7052 Datasheet HTML 525Page - Renesas Technology Corp SH7052 Datasheet HTML 526Page - Renesas Technology Corp SH7052 Datasheet HTML 527Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 919 page
background image
497
14.5.3
Break Detection and Processing (Asynchronous Mode Only)
Break signals can be detected by reading the RxD pin directly when a framing error (FER) is
detected. In the break state, the input from the RxD pin consists of all 0s, so FER is set and the
parity error flag (PER) may also be set. In the break state, the SCI receiver continues to operate, so
if the FER bit is cleared to 0, it will be set to 1 again.
14.5.4
Sending a Break Signal (Asynchronous Mode Only)
The TxD pin becomes a general I/O pin with the I/O direction and level determined by the I/O port
data register (DR) and pin function controller (PFC) control register (CR). These conditions allow
break signals to be sent. The DR value is substituted for the marking status until the PFC is set.
Consequently, the output port is set to initially output a 1. To send a break in serial transmission,
first clear the DR to 0, then establish the TxD pin as an output port using the PFC. When TE is
cleared to 0, the transmission section is initialized regardless of the present transmission status.
14.5.5
Receive Error Flags and Transmitter Operation (Synchronous Mode Only)
When a receive error flag (ORER, PER, or FER) is set to 1, the SCI will not start transmitting
even if TDRE is set to 1. Be sure to clear the receive error flags to 0 before starting to transmit.
Note that clearing RE to 0 does not clear the receive error flags.
14.5.6
Receive Data Sampling Timing and Receive Margin in Asynchronous Mode
In asynchronous mode, the SCI operates on a base clock with a frequency of 16 times the transfer
rate. In receiving, the SCI synchronizes internally with the falling edge of the start bit, which it
samples on the base clock. Receive data is latched on the rising edge of the eighth base clock pulse
(figure 14.25).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com