Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 674 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 674 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 670Page - Renesas Technology Corp SH7052 Datasheet HTML 671Page - Renesas Technology Corp SH7052 Datasheet HTML 672Page - Renesas Technology Corp SH7052 Datasheet HTML 673Page - Renesas Technology Corp SH7052 Datasheet HTML 674Page - Renesas Technology Corp SH7052 Datasheet HTML 675Page - Renesas Technology Corp SH7052 Datasheet HTML 676Page - Renesas Technology Corp SH7052 Datasheet HTML 677Page - Renesas Technology Corp SH7052 Datasheet HTML 678Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 674 / 919 page
background image
648
• Bit 6—PH6 Mode Bit (PH6MD): Selects the function of pin PH6/D6.
Description
Bit 6:
PH6MD
Expanded Mode
with ROM Disabled
Expanded Mode
with ROM Enabled
Single-Chip Mode
0
Data input/output (D6)
(Initial value)
General input/output (PH6)
(Initial value)
General input/output (PH6)
(Initial value)
1
Data input/output (D6)
Data input/output (D6)
General input/output (PH6)
• Bit 5—PH5 Mode Bit (PH5MD): Selects the function of pin PH5/D5.
Description
Bit 5:
PH5MD
Expanded Mode
with ROM Disabled
Expanded Mode
with ROM Enabled
Single-Chip Mode
0
Data input/output (D5)
(Initial value)
General input/output (PH5)
(Initial value)
General input/output (PH5)
(Initial value)
1
Data input/output (D5)
Data input/output (D5)
General input/output (PH5)
• Bit 4—PH4 Mode Bit (PH4MD): Selects the function of pin PH4/D4.
Description
Bit 4:
PH4MD
Expanded Mode
with ROM Disabled
Expanded Mode
with ROM Enabled
Single-Chip Mode
0
Data input/output (D4)
(Initial value)
General input/output (PH4)
(Initial value)
General input/output (PH4)
(Initial value)
1
Data input/output (D4)
Data input/output (D4)
General input/output (PH4)
• Bit 3—PH3 Mode Bit (PH3MD): Selects the function of pin PH3/D3.
Description
Bit 3:
PH3MD
Expanded Mode
with ROM Disabled
Expanded Mode
with ROM Enabled
Single-Chip Mode
0
Data input/output (D3)
(Initial value)
General input/output (PH3)
(Initial value)
General input/output (PH3)
(Initial value)
1
Data input/output (D3)
Data input/output (D3)
General input/output (PH3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com