Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 718 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 718 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 714Page - Renesas Technology Corp SH7052 Datasheet HTML 715Page - Renesas Technology Corp SH7052 Datasheet HTML 716Page - Renesas Technology Corp SH7052 Datasheet HTML 717Page - Renesas Technology Corp SH7052 Datasheet HTML 718Page - Renesas Technology Corp SH7052 Datasheet HTML 719Page - Renesas Technology Corp SH7052 Datasheet HTML 720Page - Renesas Technology Corp SH7052 Datasheet HTML 721Page - Renesas Technology Corp SH7052 Datasheet HTML 722Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 718 / 919 page
background image
692
20.2.4
Flash Memory Emulation in RAM
Emulation should be performed in user mode or user program mode. When the emulation block
set in RAMER is accessed while the emulation function is being executed, data written in the
overlap RAM is read.
User Mode
• User Program Mode
Application program
Execution state
Flash memory
Emulation block
RAM
SCI
Overlap RAM
(emulation is performed
on data written in RAM)
Figure 20.5 Emulation
When overlap RAM data is confirmed, the RAMS bit is cleared, RAM overlap is released, and
writes should actually be performed to the flash memory.
When the programming control program is transferred to RAM, ensure that the transfer
destination and the overlap RAM do not overlap, as this will cause data in the overlap RAM to
be rewritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com