Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 741 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 741 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 737Page - Renesas Technology Corp SH7052 Datasheet HTML 738Page - Renesas Technology Corp SH7052 Datasheet HTML 739Page - Renesas Technology Corp SH7052 Datasheet HTML 740Page - Renesas Technology Corp SH7052 Datasheet HTML 741Page - Renesas Technology Corp SH7052 Datasheet HTML 742Page - Renesas Technology Corp SH7052 Datasheet HTML 743Page - Renesas Technology Corp SH7052 Datasheet HTML 744Page - Renesas Technology Corp SH7052 Datasheet HTML 745Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 741 / 919 page
background image
715
End of erasing
Start
Set SWE1 bit in FLMCR1
Set ESU1 bit in FLMCR1
Set E1 bit in FLMCR1
Wait: tSSWE
Wait: tSESU
n = 1
Set EBR1 and EBR2
Enable WDT
*3
Wait: tSE
Wait: tCE
Wait: tCESU
Wait: tSEV
Set block start address to verify address
Wait: tSEVR
Wait: tCEV
*2
*4
Clear E1 bit in FLMCR1
Clear ESU1 bit in FLMCR1
Set EV1 bit in FLMCR1
H'FF dummy write to verify address
Read verify data
Clear EV1 bit in FLMCR1
Wait: tCEV
Clear EV1 bit in FLMCR1
Wait: tCSWE
Disable WDT
*1
Verify data = all "1"?
Last address of block?
End of
erasing of all erase
blocks?
Erase failure
Wait: tCSWE
Clear SWE1 bit in FLMCR1
Clear SWE1 bit in FLMCR1
n
≥ 100?
NG
NG
NG
NG
OK
OK
OK
OK
n
← n + 1
Increment
address
Notes: 1. Preprogramming (setting erase block data to all "0") is not necessary.
2. Verify data is read in 32-bit (longword) units.
3. Set only one bit in EBR1 and EBR2. More than one bit cannot be set.
4. Erasing is performed in block units. To erase a number of blocks, each block must be erased in turn.
Erasing must be performed
in block units.
Figure 20.15 Erase/Erase-Verify Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com