Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 752 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 752 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 748Page - Renesas Technology Corp SH7052 Datasheet HTML 749Page - Renesas Technology Corp SH7052 Datasheet HTML 750Page - Renesas Technology Corp SH7052 Datasheet HTML 751Page - Renesas Technology Corp SH7052 Datasheet HTML 752Page - Renesas Technology Corp SH7052 Datasheet HTML 753Page - Renesas Technology Corp SH7052 Datasheet HTML 754Page - Renesas Technology Corp SH7052 Datasheet HTML 755Page - Renesas Technology Corp SH7052 Datasheet HTML 756Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 752 / 919 page
background image
726
Table 20.14 Programmer Mode Commands
Number
1st Cycle
2nd Cycle
Command Name
of Cycles
Mode
Address
Data
Mode
Address
Data
Memory read mode
1 + n
Write
X
H'00
Read
RA
Dout
Auto-program mode
129
Write
X
H'40
Write
WA
Din
Auto-erase mode
2
Write
X
H'20
Write
X
H'20
Status read mode
2
Write
X
H'71
Write
X
H'71
Notes: 1. In auto-program mode, 129 cycles are required for command writing by a simultaneous
128-byte write.
2. In memory read mode, the number of cycles depends on the number of address write
cycles (n).
20.11.3
Memory Read Mode
1. After completion of auto-program/auto-erase/status read operations, a transition is made to the
command wait state. When reading memory contents, a transition to memory read mode must
first be made with a command write, after which the memory contents are read.
2. In memory read mode, command writes can be performed in the same way as in the command
wait state.
3. Once memory read mode has been entered, consecutive reads can be performed.
4. After powering on, memory read mode is entered.
Table 20.15 AC Characteristics in Transition to Memory Read Mode
(Conditions: V
CC = 3.3 V ±10%, VSS = 0 V, Ta = 25°C ±5°C)
Item
Symbol
Min
Max
Unit
Notes
Command write cycle
t
nxtc
20
µs
CE hold time
t
ceh
0ns
CE setup time
t
ces
0ns
Data hold time
t
dh
50
ns
Data setup time
t
ds
50
ns
Write pulse width
t
wep
70
ns
WE rise time
t
r
30
ns
WE fall time
t
f
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com