Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 757 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 757 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 753Page - Renesas Technology Corp SH7052 Datasheet HTML 754Page - Renesas Technology Corp SH7052 Datasheet HTML 755Page - Renesas Technology Corp SH7052 Datasheet HTML 756Page - Renesas Technology Corp SH7052 Datasheet HTML 757Page - Renesas Technology Corp SH7052 Datasheet HTML 758Page - Renesas Technology Corp SH7052 Datasheet HTML 759Page - Renesas Technology Corp SH7052 Datasheet HTML 760Page - Renesas Technology Corp SH7052 Datasheet HTML 761Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 757 / 919 page
background image
731
20.11.5
Auto-Erase Mode
1. Auto-erase mode supports only entire memory erasing.
2. Do not perform a command write during auto-erasing.
3. Confirm normal end of auto-erasing by checking I/O6. Alternatively, status read mode can also
be used for this purpose (I/O7 status polling uses the auto-erase operation end decision pin).
4. Status polling I/O6 and I/O7 pin information is retained until the next command write. As long
as the next command write has not been performed, reading is possible by enabling
CE and
OE.
Table 20.19 AC Characteristics in Auto-Erase Mode (Conditions: V
CC = 3.3 V ±0.3 V,
V
SS = 0 V, Ta = 25°C ±5°C)
Item
Symbol
Min
Max
Unit
Notes
Command write cycle
t
nxtc
20
µs
CE hold time
t
ceh
0ns
CE setup time
t
ces
0ns
Data hold time
t
dh
50
ns
Data setup time
t
ds
50
ns
Write pulse width
t
wep
70
ns
Status polling start time
t
ests
1ms
Status polling access time
t
spa
150
ns
Memory erase time
t
erase
100
40000
ms
Erase setup time
t
ens
100
ns
Erase end setup time
t
enh
100
ns
WE rise time
t
r
30
ns
WE fall time
t
f
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com