Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 765 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 765 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 761Page - Renesas Technology Corp SH7052 Datasheet HTML 762Page - Renesas Technology Corp SH7052 Datasheet HTML 763Page - Renesas Technology Corp SH7052 Datasheet HTML 764Page - Renesas Technology Corp SH7052 Datasheet HTML 765Page - Renesas Technology Corp SH7052 Datasheet HTML 766Page - Renesas Technology Corp SH7052 Datasheet HTML 767Page - Renesas Technology Corp SH7052 Datasheet HTML 768Page - Renesas Technology Corp SH7052 Datasheet HTML 769Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 765 / 919 page
background image
739
21.2.2
Mode Transitions
When the mode pins and the FWE pin are set in the reset state and a reset-start is executed, the
microcomputer enters an operating mode as shown in figure 21.2. In user mode, flash memory can
be read but not programmed or erased.
The boot, user program and programmer modes are provided as modes to write and erase the flash
memory.
Boot mode
On-board programming mode
User
program mode
User mode
Reset state
Programmer
mode
RES = 0
FWE = 1
FWE = 0
*1
*1
*2
Notes: Only make a transition between user mode and user program mode when the CPU is
not accessing the flash memory.
1. RAM emulation possible
2. MD0 = 1, MD1 = 1, MD2 = 0
RES = 0
MD1 = 0,
MD2 = 1,
FWE = 1
RES = 0
RES = 0
MD1 = 1,
MD2 = 1,
FWE = 0
MD1 = 1,
MD2 = 1,
FWE = 1
Figure 21.2 Flash Memory State Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com