Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 853 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 853 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 849Page - Renesas Technology Corp SH7052 Datasheet HTML 850Page - Renesas Technology Corp SH7052 Datasheet HTML 851Page - Renesas Technology Corp SH7052 Datasheet HTML 852Page - Renesas Technology Corp SH7052 Datasheet HTML 853Page - Renesas Technology Corp SH7052 Datasheet HTML 854Page - Renesas Technology Corp SH7052 Datasheet HTML 855Page - Renesas Technology Corp SH7052 Datasheet HTML 856Page - Renesas Technology Corp SH7052 Datasheet HTML 857Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 853 / 919 page
background image
827
24.3.4
Bus Timing
Table 24.9 shows bus timing.
Table 24.9
Bus Timing
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 3.3 V ±0.3 V, PVCC2 = 5.0 V ±0.5 V,
AV
CC = 5.0 V ±0.5 V, AVref = 4.5 V to AVCC, VSS = PLLVSS = AVSS = 0 V,
T
a = –40°C to 85°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing flash EEPROM, T
a = –40°C to 85°C.
Item
Symbol
Min
Max
Unit
Figures
Address delay time
t
AD
—
35
ns
Figure 24.8,
CS delay time 1
t
CSD1
—
30
ns
24.9
CS delay time 2
t
CSD2
—
30
ns
Read strobe delay time 1
t
RSD1
—
30
ns
Read strobe delay time 2
t
RSD2
—
30
ns
Read data setup time
t
RDS
15
—
ns
Read data hold time
t
RDH
0
—
ns
Write strobe delay time 1
t
WSD1
—
30
ns
Write strobe delay time 2
t
WSD2
—
30
ns
Write data delay time
t
WDD
—
30
ns
Write data hold time
t
WDH
t
cyc × m
—
ns
WAIT setup time
t
WTS
15
—
ns
Figure 24.10
WAIT hold time
t
WTH
0
—
ns
Read data access time
t
ACC
t
cyc × (n+1.5) – 39
—
ns
Figure 24.8,
Access time from read strobe
t
OE
t
cyc × (n+1.0) – 39
—
ns
24.9
Write address setup time
t
AS
0
—
ns
Write address hold time
t
WR
5
—
ns
n: Number of waits
m = 1: CS assertion extension cycle
m = 0: Ordinary cycle (CS assertion non-extension cycle)
[Operating precautions]
The operation guaranteed voltage range of power supply PV
CC1 in MCU expansion mode is 3.3 V
±0.3 V. Do not use a voltage outside this range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com