Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 859 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 859 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 855Page - Renesas Technology Corp SH7052 Datasheet HTML 856Page - Renesas Technology Corp SH7052 Datasheet HTML 857Page - Renesas Technology Corp SH7052 Datasheet HTML 858Page - Renesas Technology Corp SH7052 Datasheet HTML 859Page - Renesas Technology Corp SH7052 Datasheet HTML 860Page - Renesas Technology Corp SH7052 Datasheet HTML 861Page - Renesas Technology Corp SH7052 Datasheet HTML 862Page - Renesas Technology Corp SH7052 Datasheet HTML 863Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 859 / 919 page
background image
833
24.3.6
I/O Port Timing
Table 24.11 shows I/O port timing.
Table 24.11 I/O Port Timing
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V ±0.5 V, PVCC2 = 5.0 V ± 0.5 V,
AV
CC = 5.0 V ±0.5 V, AVref = 4.5 V to AVCC, VSS = PLLVSS = AVSS = 0 V,
T
a = –40°C to 85°C.
When writing or erasing flash EEPROM, T
a = –40°C to 85°C.
Item
Symbol
Min
Max
Unit
Figures
Port output data delay time
t
PWD
—
100
ns
Figure 24.13
Port input hold time
t
PRH
24*
1
24+tcyc
—
ns
Port input setup time
t
PRS
24*
1
24+tcyc
—
ns
[Operating precautions]
The operation guaranteed voltage range of power supply PV
CC1 in MCU single-chip mode is 5.0 V
±0.5 V. Do not use a voltage outside this range.
*1 The port input signals are asynchronous, but judged to have been changed at CK clock rise
with two-state intervals shown in figure 24.13. If the setup times shown here are not provided,
recognition is delayed until the clock rise two states after that timing.
tPRS
tPRH
tPWD
CK
Port
(read)
Port
(write)
Figure 24.13 I/O Port Input/Output timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com