Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 915 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 915 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 911Page - Renesas Technology Corp SH7052 Datasheet HTML 912Page - Renesas Technology Corp SH7052 Datasheet HTML 913Page - Renesas Technology Corp SH7052 Datasheet HTML 914Page - Renesas Technology Corp SH7052 Datasheet HTML 915Page - Renesas Technology Corp SH7052 Datasheet HTML 916Page - Renesas Technology Corp SH7052 Datasheet HTML 917Page - Renesas Technology Corp SH7052 Datasheet HTML 918Page - Renesas Technology Corp SH7052 Datasheet HTML 919Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 915 / 919 page
background image
889
Table B.3
Pin States (3)
Pin State
Type
Pin Name
Hardware Standby
AUD Module Standby
AUD Reset
(
AUDRST = L)
Software Standby
AUDSRST = 1 /
Normal Operation
No Connection
AUD
AUDRST
Z
LI
HI
Pulled down internally
AUDMD
Z
I
I
Pulled up internally
AUDATA0
to
AUDATA3
Z
AUDMD = H : I
AUDMD = L : HO Pulled up
internally
AUDMD = H : I/O
AUDMD = L : O
Pulled up internally
AUDCK
Z
AUDMD = H : I
AUDMD = L : HO Pulled up
internally
AUDMD = H : I/O
AUDMD = L : O
Pulled up internally
AUDSYNC
Z
AUDMD = H : I
AUDMD = L : HO Pulled up
internally
AUDMD = H : I/O
AUDMD = L : O
Pulled up internally
Legend:
—: Not initial value
I:
Input
O: Output
H: High-level
L: Low-level
Z: High impedance
K: Input pins become high-impedance, output pins retain their state.
Notes: 1. When the port impedance bit (HIZ) in the standby control register (SBYCR) is set to 1,
output pins become high-impedance.
2. When the CKHIZ bit in PFCRH is set to 1, becomes high-impedance unconditionally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com