Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 302Page - Renesas Technology Corp SH7052 Datasheet HTML 303Page - Renesas Technology Corp SH7052 Datasheet HTML 304Page - Renesas Technology Corp SH7052 Datasheet HTML 305Page - Renesas Technology Corp SH7052 Datasheet HTML 306Page - Renesas Technology Corp SH7052 Datasheet HTML 307Page - Renesas Technology Corp SH7052 Datasheet HTML 308Page - Renesas Technology Corp SH7052 Datasheet HTML 309Page - Renesas Technology Corp SH7052 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 919 page
background image
280
• Bit 3—Compare-Match Interrupt Enable 9D (CME9D): Enables or disables interrupt requests
by CMF9D in TSR9 when CMF9D is set to 1.
Bit 3: CME9D
Description
0
CMI9D interrupt requested by CMF9D is disabled
(Initial value)
1
CMI9D interrupt requested by CMF9D is enabled
• Bit 2—Compare-Match Interrupt Enable 9C (CME9C): Enables or disables interrupt requests
by CMF9C in TSR9 when CMF9C is set to 1.
Bit 2: CME9C
Description
0
CMI9C interrupt requested by CMF9C is disabled
(Initial value)
1
CMI9C interrupt requested by CMF9C is enabled
• Bit 1—Compare-Match Interrupt Enable 9B (CME9B): Enables or disables interrupt requests
by CMF9B in TSR9 when CMF9B is set to 1.
Bit 1: CME9B
Description
0
CMI9B interrupt requested by CMF9B is disabled
(Initial value)
1
CMI9B interrupt requested by CMF9B is enabled
• Bit 0—Compare-Match Interrupt Enable 9A (CME9A): Enables or disables interrupt requests
by CMF9A in TSR9 when CMF9A is set to 1.
Bit 0: CME9A
Description
0
CMI9A interrupt requested by CMF9A is disabled
(Initial value)
1
CMI9A interrupt requested by CMF9A is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com