Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 316 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 316 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 312Page - Renesas Technology Corp SH7052 Datasheet HTML 313Page - Renesas Technology Corp SH7052 Datasheet HTML 314Page - Renesas Technology Corp SH7052 Datasheet HTML 315Page - Renesas Technology Corp SH7052 Datasheet HTML 316Page - Renesas Technology Corp SH7052 Datasheet HTML 317Page - Renesas Technology Corp SH7052 Datasheet HTML 318Page - Renesas Technology Corp SH7052 Datasheet HTML 319Page - Renesas Technology Corp SH7052 Datasheet HTML 320Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 919 page
background image
290
10.2.11
Down-Count Start Register (DSTR)
The down-count start register (DSTR) is a 16-bit register. The ATU-II has one DSTR register in
channel 8.
Bit:
15
14
13
12
11
10
9
8
DST8P
DST8O
DST8N
DST8M
DST8L
DST8K
DST8J
DST8I
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
Bit:
7
6
5
4
3
2
1
0
DST8H
DST8G
DST8F
DST8E
DST8D
DST8C
DST8B
DST8A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
Note: * Only 1 can be written.
DSTR is a 16-bit readable/writable register that starts the channel 8 down-counter (DCNT).
When the one-shot pulse function is used, a value of 1 can be set in a DST8x bit at any time by the
user program, except when the corresponding DCNT8x value is H'0000. The DST8x bits are
cleared to 0 automatically when the DCNT value overflows.
When the offset one-shot pulse function is used, DST8x is automatically set to 1 (except when the
DCNT8x value is H'0000) when a compare-match occurs between the channel 1 or 2 free-running
counter (TCNT) and a general register (GR) or the output compare register (OCR1) while the
corresponding timer connection register (TCNR) bit is set to 1. As regards DST8I to DST8P, if the
RLDEN bit in the reload enable register (RLDENR) is set to 1 and the reload register (RLDR8)
value is not H'0000, a reload is performed into the corresponding DCNT8x, and the DST8x bit is
set to 1. DST8x is automatically cleared to 0 when the DCNT8x value underflows, or by input of a
channel 1 or 2 one-shot terminate trigger signal set in the trigger mode register (TRGMDR) while
the corresponding one-shot pulse terminate register (OTR) bit is set to 1, whichever occurs first.
DCNT8x is cleared to H'0000 when underflow occurs.
DSTR is initialized to H'0000 by a power-on reset, and in hardware standby mode and software
standby mode.
For details, see sections 10.3.5, One-Shot Pulse Function, and 10.3.6, Offset One-Shot Pulse
Function and Output Cutoff Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com