Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7641 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7641
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
PDF  1040 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7641 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7641 Datasheet HTML 82Page - Renesas Technology Corp SH7641 Datasheet HTML 83Page - Renesas Technology Corp SH7641 Datasheet HTML 84Page - Renesas Technology Corp SH7641 Datasheet HTML 85Page - Renesas Technology Corp SH7641 Datasheet HTML 86Page - Renesas Technology Corp SH7641 Datasheet HTML 87Page - Renesas Technology Corp SH7641 Datasheet HTML 88Page - Renesas Technology Corp SH7641 Datasheet HTML 89Page - Renesas Technology Corp SH7641 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1040 page
background image
Section 2 CPU
Rev. 2.00 Mar. 15, 2007 Page 36 of 986
REJ09B0346-0200
When data is read into the upper 16 bits of a register (bits 31 to 16), the lower 16 bits of the
register (bits 15 to 0) are automatically cleared. A0 and A1 can be stored in the X or Y memory by
this operation, but no other registers can be stored.
The third kind of operation is a single-data transfer instruction, "MOVS.W" or "MOVS.L". These
instructions access any memory location through the LDB (figure 2.8). All DSP registers connect
to the LDB and can be the source or destination register of the data transfer. These instructions
have word and longword access modes. In word mode, registers to be loaded or stored by this
instruction comprise the upper 16 bits (bits 31 to 16) for DSP registers except A0G and A1G.
When data is loaded into a register other than A0G and A1G in word mode, the lower half of the
register is cleared. When A0 or A1 is used, the data is sign-extended to bits 39 to 32 and the lower
half is cleared. When A0G or A1G is the destination register in word mode, data is loaded into an
8-bit register, but A0 or A1 is not cleared. In longword mode, when the destination register is A0
or A1, it is sign-extended to bits 39 to 32.
Tables 2.2 and 2.3 show the data type of registers used in DSP instructions. Some instructions
cannot use some registers shown in the tables because of instruction code limitations. For
example, PMULS can use A1 as the source register, but cannot use A0. These tables ignore details
of register selectability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com