| Electronic Components Datasheet Search |
|
M30620ECFS Datasheet(PDF) 366 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30620ECFS Datasheet(HTML) 366 Page - Renesas Technology Corp |
|
366 / 621 page ![]() UART Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 351 (e) Bus collision detection function This function is to sample the output level of the TxD pin and the input level of the RxD pin at the rising edge of the transfer clock; if their values are different, then an interrupt request occurs. The following are examples in which functions (a) to (e) are chosen: _______ • Transmission WITH: CTS function, WITHOUT: other functions ............................................... P358 _______ • Reception WITH: RTS function, WITHOUT: other functions .................................................... P362 Also, the SIM interface is used by adding some extra settings in UART2's clock-asynchronous serial I/O mode. Direct or inverse format is selected by connecting SIM card. • Transmission WITH: direct format ............................................................................................ P366 • Reception WITH: direct format ................................................................................................. P370 (6) Input to the serial I/O and the direction register To input an external signal to the serial I/O, set the direction register of the relevant port to input. (7) Pins related to the serial I/O _________ _________ __________ • CTS0, CTS1, CTS2 pins _______ :Input pins for the CTS function _________ _________ _________ • RTS0, RTS1, RTS2 pins _______ :Output pins for the RTS function • CLK0, CLK1 pins :Input pins for the transfer clock • RxD0, RxD1, RxD2 pins :Input pins for data • TxD0, TxD1, TxD2 pins :Output pins for data Since TxD2 pin is N-channel open drain, this pin needs pull-up resistor. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |