Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30620ECFS Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 85Page - Renesas Technology Corp M30620ECFS Datasheet HTML 86Page - Renesas Technology Corp M30620ECFS Datasheet HTML 87Page - Renesas Technology Corp M30620ECFS Datasheet HTML 88Page - Renesas Technology Corp M30620ECFS Datasheet HTML 89Page - Renesas Technology Corp M30620ECFS Datasheet HTML 90Page - Renesas Technology Corp M30620ECFS Datasheet HTML 91Page - Renesas Technology Corp M30620ECFS Datasheet HTML 92Page - Renesas Technology Corp M30620ECFS Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
DMAC
74
Item
Specification
No. of channels
2 (cycle steal method)
Transfer memory space
• From any address in the 1M bytes space to a fixed address
• From a fixed address to any address in the 1M bytes space
• From a fixed address to a fixed address
(Note that DMA-related registers [002016 to 003F16] cannot be accessed)
Maximum No. of bytes transferred
128K bytes (with 16-bit transfers) or 64K bytes (with 8-bit transfers)
DMA request factors (Note)
________
________ ________
________
Falling edge of INT0 or INT1 (INT0 can be selected by DMA0, INT1 by DMA1) or both edge
Timer A0 to timer A4 interrupt requests
Timer B0 to timer B5 interrupt requests
UART0 transfer and reception interrupt requests
UART1 transfer and reception interrupt requests
UART2 transfer and reception interrupt requests
Serial I/O3, 4 interrpt requests
A-D conversion interrupt requests
Software triggers
Channel priority
DMA0 takes precedence if DMA0 and DMA1 requests are generated simultaneously
Transfer unit
8 bits or 16 bits
Transfer address direction
forward/fixed (forward direction cannot be specified for both source and
destination simultaneously)
Transfer mode
• Single transfer mode
After the transfer counter underflows, the DMA enable bit turns to
“0”, and the DMAC turns inactive
• Repeat transfer mode
After the transfer counter underflows, the value of the transfer counter
reload register is reloaded to the transfer counter.
The DMAC remains active unless a “0” is written to the DMA enable bit.
DMA interrupt request generation timing When an underflow occurs in the transfer counter
Active
When the DMA enable bit is set to “1”, the DMAC is active.
When the DMAC is active, data transfer starts every time a DMA
transfer request signal occurs.
Inactive
• When the DMA enable bit is set to “0”, the DMAC is inactive.
• After the transfer counter underflows in single transfer mode
At the time of starting data transfer immediately after turning the DMAC active, the
value of one of source pointer and destination pointer - the one specified for the
forward direction - is reloaded to the forward direction address pointer, and the value
of the transfer counter reload register is reloaded to the transfer counter.
Writing to register
Registers specified for forward direction transfer are always write enabled.
Registers specified for fixed address transfer are write-enabled when
the DMA enable bit is “0”.
Reading the register
Can be read at any time.
However, when the DMA enable bit is “1”, reading the register set up as the
forward register is the same as reading the value of the forward address pointer.
Table 1.16.1. DMAC specifications
Note: DMA transfer is not effective to any interrupt. DMA transfer is affected neither by the interrupt enable
flag (I flag) nor by the interrupt priority level.
Forward address pointer and
reload timing for transfer
counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com