Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30620ECFS Datasheet(PDF) 512 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 512 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 508Page - Renesas Technology Corp M30620ECFS Datasheet HTML 509Page - Renesas Technology Corp M30620ECFS Datasheet HTML 510Page - Renesas Technology Corp M30620ECFS Datasheet HTML 511Page - Renesas Technology Corp M30620ECFS Datasheet HTML 512Page - Renesas Technology Corp M30620ECFS Datasheet HTML 513Page - Renesas Technology Corp M30620ECFS Datasheet HTML 514Page - Renesas Technology Corp M30620ECFS Datasheet HTML 515Page - Renesas Technology Corp M30620ECFS Datasheet HTML 516Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 512 / 621 page
background image
Interrupt
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
497
Interrupt sources without priority levels
7
Value set in the IPL
_______
Watchdog timer, NMI
Other
Not changed
0
4.3.2 Variation of IPL when Interrupt Request is Accepted
If an interrupt request is accepted, the interrupt priority level of the accepted interrupt is set in the IPL.
If an interrupt request, that does not have an interrupt priority level, is accepted, one of the values shown
in Table 4.3.2 is set in the IPL.
Table 4.3.2. Relationship between interrupts without interrupt priority levels and IPL
Stack pointer (SP) value
Interrupt vector address
16-Bit bus, without wait
8-Bit bus, without wait
Even
Even
Odd (Note 2)
Odd (Note 2)
Even
Odd
Even
Odd
18 cycles (Note 1)
19 cycles (Note 1)
19 cycles (Note 1)
20 cycles (Note 1)
20 cycles (Note 1)
20 cycles (Note 1)
20 cycles (Note 1)
20 cycles (Note 1)
Table 4.3.1. Time required for executing the interrupt sequence
Reset
Indeterminate
1
2
34
56
78
9
10
11
12
13
14
15
16
17
18
The indeterminate segment is dependent on the queue buffer.
If the queue buffer is ready to take an instruction, a read cycle occurs.
Indeterminate
SP-2
contents
SP-4
contents
vec
contents
vec+2
contents
Interrupt
information
Address
0000
Indeterminate
SP-2
SP-4
vec
vec+2
PC
BCLK
Address bus
Data bus
W
R
Time (a) is dependent on the instruction under execution. Thirty cycles is the maximum required for the
DIVX instruction (without wait).
Time (b) is as shown in Table 4.3.1.
________
Note 1: Add 2 cycles in the case of a DBC interrupt; add 1 cycle in the case either of an address coincidence
interrupt or of a single-step interrupt.
Note 2: Locate an interrupt vector address in an even address, if possible.
Figure 4.3.2. Time required for executing the interrupt sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com