Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30620ECFS Datasheet(PDF) 527 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 527 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 523Page - Renesas Technology Corp M30620ECFS Datasheet HTML 524Page - Renesas Technology Corp M30620ECFS Datasheet HTML 525Page - Renesas Technology Corp M30620ECFS Datasheet HTML 526Page - Renesas Technology Corp M30620ECFS Datasheet HTML 527Page - Renesas Technology Corp M30620ECFS Datasheet HTML 528Page - Renesas Technology Corp M30620ECFS Datasheet HTML 529Page - Renesas Technology Corp M30620ECFS Datasheet HTML 530Page - Renesas Technology Corp M30620ECFS Datasheet HTML 531Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 621 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
512
5.3 Memory Space Expansion Features
Here follows the description of the memory space expansion function.
(1) Normal Mode
1M byte memory space
(2) Memory space expansion mode1 1.2M byte memory space
(3) Memory space expansion mode2 4M byte memory space
Use bits 5 and 4(PM15,PM14) of processor mode register 1 to select a desired mode.Figure 5.3.1 shows
the processor mode register 1.
Figure 5.3.1. Processor mode register 1
Processor mode register 1 (Note 1)
Symbol
Address
When reset
PM1
000516
00000XX02
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns
out to be indeterminate.
Reserved bit
Must always be set to “0”
0
Note 1: Set bit 1 of the protect register (address 000A16) to “1” when writing new values to this register.
Note 2: Be sure to set this bit to 0 except products whose RAM size and ROM size exceed 15K bytes
and 192K bytes respectively.
In using M30624MG/FG, a product having a RAM of more than 15K bytes and a ROM of more
than 192K bytes, set this bit to 1 at the beginning of user program.
Specify D000016 or a subsequent address, which becomes an internal ROM area if PM13 is set
to “0” at the time reset is revoked, for the reset vector table of user program.
Note 3: With the processor running in memory expansion mode or in microprocessor mode, setting this
bit provides the means of expanding the external memory area. (Normal mode: up to 1M byte,
expansion mode 1: up to 1.2 M bytes, expansion mode 2: up to 4M bytes)
For details, see “Memory space expansion functions”.
PM17
Wait bit
0 : No wait state
1 : Wait state inserted
Memory area
expansion bit (Note 3)
0 0 : Normal mode
(Do not expand)
0 1 : Inhibited
1 0 : Memory area expansion
mode 1
1 1 : Memory area expansion
mode 2
b5 b4
PM15
PM14
Reserved bit
Must always be set to “0”
0
Internal reserved area
expansion bit (Note 2)
PM13
0: The same internal reserved
area as that of M16C/60 and
M16C/61 group
1: Expands the internal RAM area
and internal ROM area to 23 K
bytes and to 256K bytes
respectively. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com