Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30620ECFS Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 297Page - Renesas Technology Corp M30620ECFS Datasheet HTML 298Page - Renesas Technology Corp M30620ECFS Datasheet HTML 299Page - Renesas Technology Corp M30620ECFS Datasheet HTML 300Page - Renesas Technology Corp M30620ECFS Datasheet HTML 301Page - Renesas Technology Corp M30620ECFS Datasheet HTML 302Page - Renesas Technology Corp M30620ECFS Datasheet HTML 303Page - Renesas Technology Corp M30620ECFS Datasheet HTML 304Page - Renesas Technology Corp M30620ECFS Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 621 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
286
In timer mode, choose functions from those listed in Table 2.2.1. Operations of the circled items are
described below. Figure 2.2.6 shows the operation timing, and Figure 2.2.7 shows the set-up procedure.
Item
Count source
Pulse output function
Gate function
Set-up
O
O
O
Internal count source (f1 / f8 / f32 / fc32)
No pulses output
Pulses output
No gate function
Performs count only for the period in which the TAiIN pin is at “L” level
Performs count only for the period in which the TAiIN pin is at “H” level
Operation (1) Setting the count start flag to “1” causes the counter to perform a down count on the count
source.
(2) If an underflow occurs, the content of the reload register is reloaded, and the count continues.
At this time, the timer Ai interrupt request bit goes to “1”.
(3) Setting the count start flag to “0” causes the counter to hold its value and to stop.
2.2.2 Operation of Timer A (timer mode)
Table 2.2.1. Choosed functions
Figure 2.2.6. Operation timing of timer mode
FFFF16
n
000016
Time
Start count again
Count start flag
Timer Ai interrupt
request bit
“1”
“1”
n = reload register content
Set to “1” by software
“0”
“0”
Set to “1” by software
Cleared to “0” by
software
Cleared to “0” when interrupt request is accepted, or cleared by software
(1) Start count
(2) Underflow
(3) Stop count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com