Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7286 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # SH7286
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7286 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button SH7286 Datasheet HTML 45Page - Renesas Technology Corp SH7286 Datasheet HTML 46Page - Renesas Technology Corp SH7286 Datasheet HTML 47Page - Renesas Technology Corp SH7286 Datasheet HTML 48Page - Renesas Technology Corp SH7286 Datasheet HTML 49Page - Renesas Technology Corp SH7286 Datasheet HTML 50Page - Renesas Technology Corp SH7286 Datasheet HTML 51Page - Renesas Technology Corp SH7286 Datasheet HTML 52Page - Renesas Technology Corp SH7286 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 1726 page
background image
Section 1 Overview
Rev. 1.00 Jun. 26, 2008 Page 19 of 1692
REJ09B0393-0100
Classification
Symbol
I/O
Name
Function
DrVCC
Input
USB power
supply
Power supply pin for the internal
transceiver. Connect it to the 3.3-V
power supply.
DrVSS
Input
USB ground
Ground pin for the internal
transceiver.
USD+,
USD
−
I/O
USB data
USB data input/output pins.
VBUS
Input
Cable connection
monitor
USB cable connection monitor input
pin.
Universal serial
bus (USB)
(only in SH7285
and SH7286)
USPND
Output Suspend state
output
Outputs a high level when the
suspend state is entered.
CTx0
Output Transmit data
Transmit data pin for CAN bus.
Controller area
network
(RCAN-ET)
(only in SH7286)
CRx0
Input
Receive data
Receive data pin for CAN bus.
SCL
I/O
Serial clock pin
Serial clock input/output pin.
I
2C bus
interface 3 (IIC3)
(only in SH7285
and SH7286)
SDA
I/O
Serial data pin
Serial data input/output pin.
AN11 to AN0
Input
Analog input pins Analog input pins. Only AN7 to AN0
are available in the SH7285 and
SH7243.
ADTRG
Input
A/D conversion
trigger input
External trigger input pin for starting
A/D conversion.
AVCC
Input
Analog power
supply
Power supply pin for the A/D
converter. Connect this pin to the
system power supply (VCC) when
the A/D converter is not used.
AVREF
Input
Analog reference
power supply
Reference voltage pin for the A/D
converter.
AVSS
Input
Analog ground
Ground pin for the A/D converter.
Connect this pin to the system
power supply (VSS) when the A/D
converter is not used.
A/D converter
AVREFVSS
Input
Analog reference
ground
Reference ground pin for the A/D
converter. Connect this pin to the
system power supply (VSS) when
the A/D converter is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com