Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30620ECGP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M30620ECGP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECGP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M30620ECGP Datasheet HTML 45Page - Renesas Technology Corp M30620ECGP Datasheet HTML 46Page - Renesas Technology Corp M30620ECGP Datasheet HTML 47Page - Renesas Technology Corp M30620ECGP Datasheet HTML 48Page - Renesas Technology Corp M30620ECGP Datasheet HTML 49Page - Renesas Technology Corp M30620ECGP Datasheet HTML 50Page - Renesas Technology Corp M30620ECGP Datasheet HTML 51Page - Renesas Technology Corp M30620ECGP Datasheet HTML 52Page - Renesas Technology Corp M30620ECGP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Bus Control
34
Bus Control
The following explains the signals required for accessing external devices and software waits. The signals
required for accessing the external devices are valid when the processor mode is set to memory expansion
mode and microprocessor mode. The software waits are valid in all processor modes.
(1) Address bus/data bus
The address bus consists of the 20 pins A0 to A19 for accessing the 1M bytes of address space.
The data bus consists of the pins for data I/O. When the BYTE pin is “H”, the 8 ports D0 to D7 function
as the data bus. When BYTE is “L”, the 16 ports D0 to D15 function as the data bus.
When a change is made from single-chip mode to memory expansion mode, the value of the address
bus is undefined until external memory is accessed.
(2) Chip select signal
The chip select signal is output using the same pins as P44 to P47. Bits 0 to 3 of the chip select control
register (address 000816) set each pin to function as a port or to output the chip select signal. The chip
select control register is valid in memory expansion mode and microprocessor mode. In single-chip
mode, P44 to P47 function as programmable I/O ports regardless of the value in the chip select control
register.
_______
In microprocessor mode, only CS0 outputs the chip select signal after the reset state has been can-
_______
_______
celled. CS1 to CS3 function as input ports. Figure 1.12.1 shows the chip select control register.
The chip select signal can be used to split the external area into as many as four blocks. Tables 1.12.1
and 1.12.2 show the external memory areas specified using the chip select signal.
Processor mode
Memory space
expansion mode
Memory expansion mode
Normal mode
(PM15,14=0,0)
Chip select signal
CS0
CS1
CS2
CS3
3000016 to
CFFFF16
(640K bytes)
Microprocessor mode
Memory expansion mode
Memory expansion mode
Expansion
mode 1
(PM15,14=1,0)
Expansion
mode 2
(PM15,14=1,1)
2800016 to
2FFFF16
(32K bytes)
0800016 to
27FFF16
(128K bytes)
0400016 to
07FFF16
(16K bytes)
Microprocessor mode
3000016 to
FFFFF16
(832K bytes)
0400016 to
CFFFF16
(816K bytes)
0400016 to
FFFFF16
(1008K bytes)
4000016 to
BFFFF16
(512K bytes X 7 +
256K bytes)
2800016 to
3FFFF16
(96K bytes)
Microprocessor mode
4000016 to
FFFFF16
(512K bytes X 8)
Table 1.12.1. External areas specified by the chip select signals
(A product having an internal RAM equal to or less than 15K bytes and a ROM equal to or less than 192K bytes)(Note)
Note :Be sure to set bit 3 (PM13) of processor mode register 1 to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com