Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 415Page - Renesas Technology Corp SH7708 Datasheet HTML 416Page - Renesas Technology Corp SH7708 Datasheet HTML 417Page - Renesas Technology Corp SH7708 Datasheet HTML 418Page - Renesas Technology Corp SH7708 Datasheet HTML 419Page - Renesas Technology Corp SH7708 Datasheet HTML 420Page - Renesas Technology Corp SH7708 Datasheet HTML 421Page - Renesas Technology Corp SH7708 Datasheet HTML 422Page - Renesas Technology Corp SH7708 Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 633 page
background image
401
14.1.3
Pin Configuration
Table 14.1 summarizes the smart card interface pins.
Table 14.1
SCI Pins
Pin Name
Abbreviation Input/Output
Function
Serial clock pin
SCK
Output
Clock output
Receive data pin
RxD
Input
Receive data input
Transmit data pin
TxD
Output
Transmit data output
14.1.4
Register Configuration
Table 14.2 summarizes the registers used by the smart card interface. The SCSMR, SCBRR,
SCSCR, SCTDR, and SCRDR registers are the same as in the ordinary SCI function. They are
described in section 13, Serial Communication Interface.
Table 14.2
Registers
Name
Abbreviation R/W
Initial Value*
3
Address
Access Size
Serial mode register
SCSMR
R/W
H'00
H'FFFFFE80
8
Bit rate register
SCBRR
R/W
H'FF
H'FFFFFE82
8
Serial control register
SCSCR
R/W
H'00
H'FFFFFE84
8
Transmit data register
SCTDR
R/W
H'FF
H'FFFFFE86
8
Serial status register
SCSSR
R/(W)*
1
H'84
H'FFFFFE88
8
Receive data register
SCRDR
R
H'00
H'FFFFFE8A
8
Smart card mode register SCSCMR
R/W
*
2
H'FFFFFE8C
8
Notes: 1. Only 0 can be written, to clear the flags.
2. Bits 0, 2, and 3 are cleared. The value of the other bits is undefined.
3. Initialized by a power-on or manual reset.
14.2
Register Descriptions
This section describes the registers added for the smart card interface and the bits whose functions
are changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com