Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 40Page - Renesas Technology Corp SH7708 Datasheet HTML 41Page - Renesas Technology Corp SH7708 Datasheet HTML 42Page - Renesas Technology Corp SH7708 Datasheet HTML 43Page - Renesas Technology Corp SH7708 Datasheet HTML 44Page - Renesas Technology Corp SH7708 Datasheet HTML 45Page - Renesas Technology Corp SH7708 Datasheet HTML 46Page - Renesas Technology Corp SH7708 Datasheet HTML 47Page - Renesas Technology Corp SH7708 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 633 page
background image
26
2.3.3
Instruction Formats
Table 2.3 explains the meaning of instruction formats and source and destination operands. The
meaning of the operands depends on the operation code. The following symbols are used.
xxxx:
Operation code
mmmm: Source register
nnnn:
Destination register
iiii:
Immediate data
dddd:
Displacement
Table 2.3
Instruction Formats
Instruction Format
Source
Operand
Destination
Operand
Instruction
Example
0 format
xxxx
xxxx
xxxx
xxxx
15
0
NOP
n format
xxxx
xxxx
xxxx
nnnn
15
0
nnnn: register
direct
MOVT Rn
Control register or
system register
nnnn: register
direct
STS
MACH,Rn
Control register or
system register
nnnn: register
indirect with
pre-decrement
STC.L
SR,@–Rn
m format
xxxx
mmmm
xxxx
xxxx
15
0
mmmm: register
direct
Control register
or system
register
LDC
Rm,SR
mmmm: register
indirect with post-
increment
Control register
or system
register
LDC.L
@Rm+,SR
mmmm: register
indirect
JMP
@Rm
mmmm: PC-
relative using Rm
BRAF
Rm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com