Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 149Page - Renesas Technology Corp SH7708 Datasheet HTML 150Page - Renesas Technology Corp SH7708 Datasheet HTML 151Page - Renesas Technology Corp SH7708 Datasheet HTML 152Page - Renesas Technology Corp SH7708 Datasheet HTML 153Page - Renesas Technology Corp SH7708 Datasheet HTML 154Page - Renesas Technology Corp SH7708 Datasheet HTML 155Page - Renesas Technology Corp SH7708 Datasheet HTML 156Page - Renesas Technology Corp SH7708 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 633 page
background image
135
7.3.2
Instruction Fetch Cycle Break
1. Making an instruction fetch/read/word setting made in the break bus cycle register
(BBRA/BBRB) enables an instruction fetch cycle to be set as a break condition. In this case,
pre- or post-execution of the instruction can be selected by means of bit PCBA/PCBB in the
break control register (BRCR).
2. When instructions are fetched consecutively, 32 bits (two instructions) are fetched in one bus
cycle. In this case, although only one bus cycle is generated, breaks can be set for both
instructions by setting the start addresses of the respective instructions in the break address
registers (BARA and BARB).
3. With an instruction subject to a pre-execution break, the break is executed when it has been
confirmed that the instruction has been fetched and is to be executed. Consequently, an
overrun-fetched instruction (an instruction fetched but not executed in the event of a branch or
exception) cannot be subject to a break. If an exception when an instruction subject to a break
is fetched, exception processing is performed first, and the break is executed only when the
instruction is re-executed.
Since a delayed branch instruction and delay slot instruction are executed as a single
instruction, if a pre-execution condition is specified for the delay slot instruction, a break is
made before execution of the delayed branch instruction. However, a pre-execution break
condition cannot be specified for an RTE instruction delay slot instruction.
4. With a post-execution condition, the instruction set as the break condition is executed and a
break trap is generated before the next instruction is executed. In the same way, a break cannot
be specified for an overrun-fetch instruction. When a post-execution condition is set for a
delayed branch instruction, similarly, the break is made after executing the delay slot and
before executing the instruction at the branch destination.
5. When an instruction fetch cycle is set for channel B, break data register B (BDRB) is ignored.
Therefore, break data need not be set for an instruction fetch cycle break.
6. Instruction fetch cycle breaks cannot be specified consecutively for a delayed branch
instruction and its delay slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com