Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 160Page - Renesas Technology Corp SH7708 Datasheet HTML 161Page - Renesas Technology Corp SH7708 Datasheet HTML 162Page - Renesas Technology Corp SH7708 Datasheet HTML 163Page - Renesas Technology Corp SH7708 Datasheet HTML 164Page - Renesas Technology Corp SH7708 Datasheet HTML 165Page - Renesas Technology Corp SH7708 Datasheet HTML 166Page - Renesas Technology Corp SH7708 Datasheet HTML 167Page - Renesas Technology Corp SH7708 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 633 page
background image
146
Table 8.4
Register States in Standby Mode
Module
Registers Initialized
Registers Retaining Data
Interrupt controller
All registers
Break controller
All registers
Bus state controller
All registers
On-chip clock pulse generator
All registers
Timer unit
TSTR register
Registers other than TSTR
Realtime clock
All registers
The procedure for moving to standby mode is as follows:
1. Clear the TME bit in the WDT’s timer control register (WTCSR) to 0 to stop the WDT. Set the
WDT’s timer counter (WTCNT) and the CKS2–CKS0 bits of the WTCSR register to
appropriate values to secure the specified oscillation settling time.
2. When PLL circuit 1 is running in clock modes 3–6, clear the PSTBY and PLLEN bits in the
frequency control register (FRQCR) to 0 to stop PLL circuit 1.
3. After the STBY bit in the STBCR register is set to 1, a SLEEP instruction is executed.
4. Standby mode is entered and the clocks within the chip are halted. The STATUS1 pin output
goes low and the STATUS0 pin output goes high.
8.4.2
Canceling Standby Mode
Standby mode is canceled by an interrupt (NMI, IRL, or on-chip supporting module) or a reset.
Canceling with an Interrupt: The on-chip WDT can be used for hot starts. When the chip detects
an NMI, IRL,*1 or on-chip supporting module (except the interval timer)*2 interrupt, the clock
will be supplied to the entire chip and standby mode canceled after the time set in the WDT’s
timer control/status register has elapsed. The STATUS1 and STATUS0 pins both go low. Interrupt
handling then begins and a code indicating the interrupt source is set in the INTEVT register.
Interrupts are accepted during standby mode even when the BL bit in the SR register is 1.
Immediately after an interrupt is detected, the phase of the clock output of the CKIO pin may be
unstable, until the processor starts interrupt handling. (The canceling condition is that the
IRL3–IRL0 level is higher than the mask level in the I3–I0 bits in the SR register.)
Notes: 1. When the RTC is being used, standby mode can be canceled using IRL3–IRL0.
2. Standby mode can be canceled with an RTC or TMU (only when running on the RTC
clock) interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com