Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 185Page - Renesas Technology Corp SH7708 Datasheet HTML 186Page - Renesas Technology Corp SH7708 Datasheet HTML 187Page - Renesas Technology Corp SH7708 Datasheet HTML 188Page - Renesas Technology Corp SH7708 Datasheet HTML 189Page - Renesas Technology Corp SH7708 Datasheet HTML 190Page - Renesas Technology Corp SH7708 Datasheet HTML 191Page - Renesas Technology Corp SH7708 Datasheet HTML 192Page - Renesas Technology Corp SH7708 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 633 page
background image
171
Bit 7—PLL Circuit Enable (PLLEN): Specifies the on/off state of PLL circuit 1. This bit is valid
in clock operating modes 3–6. PLL circuit 1 goes on when the clock operating mode is 0–2 or 7
irrespective of the value of PLLEN.
Bit 7: PLLEN
Description
0
PLL circuit 1 is not used.
(Initial value)
1
PLL circuit 1 is used.
Bit 6—PLL Standby (PSTBY): Specifies PLL standby. When PLL standby is active, PLL circuit 1
will be in standby mode at the frequency specified by the STC bit. This function is valid in clock
operating modes 3–6.
Bit 6: PSTBY
Description
0
PLL is not in standby mode.
(Initial value)
1
PLL is in standby mode.
Bits 5 and 4—Frequency Multiplication Ratio (STC1, STC0): These bits specify the frequency
multiplication ratio of PLL circuit 1.
Bit 5: STC1
Bit 4: STC0
Description
00
× 1
(Initial value)
01
× 2
10
× 4
1
1
Setting prohibited (do not set)
Note:
Do not set the output frequency of PLL circuit 1 higher than 60 MHz.
Bits 3 and 2—Internal Clock Frequency Division Ratio (IFC1, IFC0): These bits specify the
frequency division ratio of the internal clock with respect to the output frequency of PLL circuit 1.
When PLL circuit 1 is off or in standby mode, set
× 1.
Bit 3: IFC1
Bit 2: IFC0
Description
00
× 1
(Initial value)
01
× 1/2
10
× 1/4
1
1
Setting prohibited (do not set)
Note:
Do not set the internal clock frequency lower than the CKIO frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com