| Electronic Components Datasheet Search |
|
SH7708 Datasheet(PDF) 194 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 Datasheet(HTML) 194 Page - Renesas Technology Corp |
|
194 / 633 page ![]() 176 3. In clock modes 3 and 4, the SH7708 Series cannot go to standby mode while PLL circuit 1 is on. Always set PSTBY and PLLEN to 0 to stop PLL circuit 1 before going to standby mode. 4. When PSTBY and PLLEN are both changed from 0 to 1 together, the WDT will automatically start counting and the clock will switch when the WDT overflows. See section 9.5, Changing the Frequency, for setting the WDT. PLL1 off PLL1 standby PSTBY = 1 (STC) PSTBY = 0 (STC) PLL1 on PLLEN = 1 (IFC, PFC) PSTBY = 1 and PLLEN = 1 PSTBY = 0, PLLEN = 0 (STC, IFC, PFC) PSTBY = 0 and PLLEN = 0 PSTBY = 1 and PLLEN = 0 PLLEN = 0 (STC, IFC, PFC) Note: Bits in parentheses can be changed simultaneously. Figure 9.3 State Transitions for the PLL Standby Function 9.7 Controlling Clock Output The CKOEN bit in the FRQCR register can be used to switch between outputting a clock to the CKIO pin or having the level fixed. 9.7.1 Clock Modes 0–2 The CKIO pin level cannot be fixed. Always set the CKOEN bit in FRQCR to 1 (clock output). 9.7.2 Clock Modes 3 and 4 The CKIO output changes as soon as the CKOEN bit is changed. When the WDT is started by simultaneously changing the multiplication rate of PLL circuit 1 or switching PLL circuit 1 on or off, the WDT starts running after the CKIO output is switched, and then the internal clock changes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |