Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7708 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 237Page - Renesas Technology Corp SH7708 Datasheet HTML 238Page - Renesas Technology Corp SH7708 Datasheet HTML 239Page - Renesas Technology Corp SH7708 Datasheet HTML 240Page - Renesas Technology Corp SH7708 Datasheet HTML 241Page - Renesas Technology Corp SH7708 Datasheet HTML 242Page - Renesas Technology Corp SH7708 Datasheet HTML 243Page - Renesas Technology Corp SH7708 Datasheet HTML 244Page - Renesas Technology Corp SH7708 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 633 page
background image
223
10.3
BSC Operation
10.3.1
Endian/Access Size and Data Alignment
The SH7708 Seires supports both big-endian mode, in which the 0 address is the most significant
byte in the byte data, and little-endian mode, in which the 0 address is the least significant byte.
Switching between the two is designated by an external pin (MD5 pin) at the time of a power-on
reset. After a power-on reset, big-endian mode is set when MD5 is low, and little-endian mode is
set when MD5 is high.
Three data bus widths are available for normal memory (byte, word, longword) and two data bus
widths (word and longword) for DRAM and pseudo-SRAM. Only longword is available for
synchronous DRAM. For the PCMCIA interface, choose from byte and word. This means data
alignment is done by matching the device’s data width and endian. The access unit must also be
matched to the device’s bus width. This also means that when longword data is read from a byte-
width device, four read operations must be executed. In the SH7708 Series, data alignment and
conversion of data length is performed automatically between the respective interfaces.
Tables 10.6 through 10.11 show the relationship between endian, device data width, and access
unit.
Table 10.6
32-Bit External Device/Big Endian Access and Data Alignment
Data Bus
Strobe Signal
Operation
D31–D24 D23–D16 D15–D8 D7–D0
WE3,
CASHH,
DQMUU
WE2,
CASHL,
DQMUL
WE1,
CASLH,
DQMLU
WE0,
CASLL,
DQMLL
Address 0
byte access
Data
7–0
Asserted —
Address 1
byte access
Data
7–0
Asserted —
Address 2
byte access
Data
7–0
Asserted —
Address 3
byte access
Data
7–0
Asserted
Address 0
word access
Data
15–8
Data
7–0
Asserted Asserted —
Address 2
word access
Data
15–8
Data
7–0
Asserted Asserted
Address 0
longword
access
Data
31–24
Data
23–16
Data
15–8
Data
7–0
Asserted Asserted Asserted Asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com