Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4524 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 4524
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 720 FAMILY / 4500 SERIES
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4524 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 4524 Datasheet HTML 55Page - Renesas Technology Corp 4524 Datasheet HTML 56Page - Renesas Technology Corp 4524 Datasheet HTML 57Page - Renesas Technology Corp 4524 Datasheet HTML 58Page - Renesas Technology Corp 4524 Datasheet HTML 59Page - Renesas Technology Corp 4524 Datasheet HTML 60Page - Renesas Technology Corp 4524 Datasheet HTML 61Page - Renesas Technology Corp 4524 Datasheet HTML 62Page - Renesas Technology Corp 4524 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 310 page
background image
FUNCTION BLOCK OPERATIONS
4524 Group
HARDWARE
Rev.2.00
Aug, 06 2004
REJ09B0107-0200Z
1-46
Fig. 31 Program example to start/stop watchdog timer
Fig. 32 Program example to enter the mode when using the
watchdog timer
WRST
; WDF1 flag cleared
NOP
DI
; Interrupt disabled
EPOF
; POF instruction enabled
POF
↓
Oscillation stop
When the watchdog timer is used, clear the WDF1 flag at a cycle of
less than 65534 machine cycles with the WRST instruction.
When the watchdog timer is not used, execute the DWDT instruc-
tion and the WRST instruction continuously (refer to Figure 31).
The watchdog timer is not stopped with only the DWDT instruction.
The contents of WDF1 flag and timer WDT are initialized at the
power down mode.
When using the watchdog timer and the power down mode, initial-
ize the WDF1 flag with the WRST instruction just before the system
enters the power down state (refer to Figure 32).
The watchdog timer function is valid after system is returned from
the power down. When not using the watchdog timer function, stop
the watchdog timer function with the DWDT instruction and the
WRST instruction continuously every system is returned from the
power down.
WRST
; WDF1 flag cleared
DI
DWDT
; Watchdog timer function enabled/disabled
WRST
; WEF and WDF1 flags cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com