Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30201 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M30201
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 24Page - Renesas Technology Corp M30201 Datasheet HTML 25Page - Renesas Technology Corp M30201 Datasheet HTML 26Page - Renesas Technology Corp M30201 Datasheet HTML 27Page - Renesas Technology Corp M30201 Datasheet HTML 28Page - Renesas Technology Corp M30201 Datasheet HTML 29Page - Renesas Technology Corp M30201 Datasheet HTML 30Page - Renesas Technology Corp M30201 Datasheet HTML 31Page - Renesas Technology Corp M30201 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 415 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
15
Figure 1.12. Reset sequence
Reset
There are two kinds of resets; hardware and software. In both cases, operation is the same after the reset.
(See “Software Reset” for details of software resets.) This section explains on hardware resets.
When the supply voltage is in the range where operation is guaranteed, a reset is effected by holding the
reset pin level “L” (0.2VCC max.) for at least 20 cycles. When the reset pin level is then returned to the “H”
level while main clock is stable, the reset status is cancelled and program execution resumes from the
address in the reset vector table.
Figure 1.11 shows the example reset circuit. Figure 1.12 shows the reset sequence.
Figure 1.11. Example reset circuit
RESET
VCC
0.8V
RESET
VCC
0V
0V
5V
5V
4.0V
Example when VCC = 5V
.
VCC
RESET
Power source voltage
detection circuit
RESET
VCC
0V
0V
5V
5V
4.0V
BCLK
Address
BCLK
24cycles
FFFFC16
FFFFE16
Content of reset vector
XIN
RESET
More than 20 cycles are needed
(Internal clock)
(Internal address
signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com