Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7763 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SH7763
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
PDF  2026 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7763 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SH7763 Datasheet HTML 24Page - Renesas Technology Corp SH7763 Datasheet HTML 25Page - Renesas Technology Corp SH7763 Datasheet HTML 26Page - Renesas Technology Corp SH7763 Datasheet HTML 27Page - Renesas Technology Corp SH7763 Datasheet HTML 28Page - Renesas Technology Corp SH7763 Datasheet HTML 29Page - Renesas Technology Corp SH7763 Datasheet HTML 30Page - Renesas Technology Corp SH7763 Datasheet HTML 31Page - Renesas Technology Corp SH7763 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 2026 page
background image
Rev. 1.00 Oct. 01, 2007 Page xxviii of lxvi
Section 31 Multimedia Card Interface (MMCIF) ........................................... 1285
31.1
Features............................................................................................................................ 1285
31.2
Input/Output Pins............................................................................................................. 1287
31.3
Register Descriptions ....................................................................................................... 1288
31.3.1 Command Type Register (CMDTYR)................................................................ 1292
31.3.2 Response Type Register (RSPTYR) ................................................................... 1293
31.3.3 Transfer Byte Number Count Register (TBCR) ................................................. 1297
31.3.4 Transfer Block Number Counter (TBNCR)........................................................ 1298
31.3.5 Command Registers 0 to 5 (CMDR0 to CMDR5).............................................. 1298
31.3.6 Response Registers 0 to 16, D (RSPR0 to RSPR16, RSPRD)............................ 1300
31.3.7 Command Start Register (CMDSTRT) .............................................................. 1302
31.3.8 Operation Control Register (OPCR) ................................................................... 1304
31.3.9 Command Timeout Control Register (CTOCR) ................................................. 1306
31.3.10 Data Timeout Register (DTOUTR) .................................................................... 1307
31.3.11 Card Status Register (CSTR) .............................................................................. 1308
31.3.12 Interrupt Control Registers 0 and 1 (INTCR0, INTCR1) ................................... 1310
31.3.13 Interrupt Status Registers 0 and 1 (INTSTR0, INTSTR1).................................. 1312
31.3.14 Transfer Clock Control Register (CLKON)........................................................ 1316
31.3.15 VDD/Open-Drain Control Register (VDCNT)................................................... 1317
31.3.16 Data Register (DR) ............................................................................................. 1318
31.3.17 FIFO Pointer Clear Register (FIFOCLR) ........................................................... 1318
31.3.18 DMA Control Register (DMACR) ..................................................................... 1319
31.3.19 Interrupt Control Register 2 (INTCR2) .............................................................. 1320
31.3.20 Interrupt Status Register 2 (INTSTR2)............................................................... 1321
31.3.21 Card Switch Register (CSWR) ........................................................................... 1322
31.3.22 Switch Status Register (SWSR).......................................................................... 1323
31.3.23 Chattering Elimination Pulse Setting Register (CHATR) .................................. 1324
31.4
Operation ......................................................................................................................... 1326
31.4.1 Operations in MMC Mode.................................................................................. 1326
31.5
Operations when Using DMAC....................................................................................... 1351
31.5.1 Operation in Read Sequence............................................................................... 1351
31.5.2 Operation in Write Sequence .............................................................................. 1354
31.6
MMCIF Interrupt Sources................................................................................................ 1357
31.7
Procedure to Apply the Card Detection Function ............................................................ 1358
Section 32 PC Card Controller (PCC)............................................................. 1359
32.1
Features............................................................................................................................ 1359
32.1.1 PCMCIA Support ............................................................................................... 1360
32.2
Input/Output Pins............................................................................................................. 1364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com