Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38B7_M Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 38B7_M
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B7_M Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 38B7_M Datasheet HTML 82Page - Renesas Technology Corp 38B7_M Datasheet HTML 83Page - Renesas Technology Corp 38B7_M Datasheet HTML 84Page - Renesas Technology Corp 38B7_M Datasheet HTML 85Page - Renesas Technology Corp 38B7_M Datasheet HTML 86Page - Renesas Technology Corp 38B7_M Datasheet HTML 87Page - Renesas Technology Corp 38B7_M Datasheet HTML 88Page - Renesas Technology Corp 38B7_M Datasheet HTML 89Page - Renesas Technology Corp 38B7_M Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 415 page
background image
HARDWARE
38B7 Group User’s Manual
1-63
FUNCTIONAL DESCRIPTION
14
1/2
XIN
(4MHz)
P96/PWM0
bit7
bit0
bit5
MSB
LSB
PWM
bit7
bit0
Data bus
XCIN
“1”
“0”
PWM register (high-order)
(address 003516)
PWM register (low-order)
(address 003616)
It is set to “1”
when write.
PWM latch (14-bit)
14-bit PWM circuit
When the internal
system clock
selection bit is set
to “0”
Timing
generating
unit for PWM
(64
µs cycle)
(4096
µs cycle)
P96/PWM output
selection bit
P96 direction
register
P96/PWM output
selection bit
P96 latch
PWM (Pulse Width Modulation)
The 38B7 group has a PWM function with a 14-bit resolution. When
the oscillation frequency XIN is 4 MHz, the minimum resolution bit
width is 250 ns and the cycle period is 4096
µs. The PWM timing
generator supplies a PWM control signal based on a signal that is
the frequency of the XIN clock.
The explanation in the rest assumes XIN = 4 MHz.
Fig. 64 PWM block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com