Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7736 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7736
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7736 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7736 Datasheet HTML 45Page - Renesas Technology Corp 7736 Datasheet HTML 46Page - Renesas Technology Corp 7736 Datasheet HTML 47Page - Renesas Technology Corp 7736 Datasheet HTML 48Page - Renesas Technology Corp 7736 Datasheet HTML 49Page - Renesas Technology Corp 7736 Datasheet HTML 50Page - Renesas Technology Corp 7736 Datasheet HTML 51Page - Renesas Technology Corp 7736 Datasheet HTML 52Page - Renesas Technology Corp 7736 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–10
2.2 Bus interface unit
The microcomputer has a bus interface unit (BIU) between the central processing unit (CPU) and
memory • I/O unit. The BIU’s function and operation are described below. When connecting external devices,
refer to chapter “12. CONNECTING EXTERNAL DEVICES,” also.
2.2.1 Overview
Transfer operation between the CPU and memory • I/O unit is always performed via the BIU.
Œ The BIU reads an instruction from the memory before the CPU executes it.
 When the CPU reads data from the memory • /O unit, the CPU informs the BIU of the address where
the data resides. The BIU reads the data from the address and pass it to the CPU.
Ž When the CPU writes data to the memory • I/O unit, the CPU informs the BIU of the address where the
data resides. The BIU writes the data to the address.
 In order to realize operations Œ to Ž, the BIU inputs and outputs bus control signals and controls the
buses.
Figure 2.2.1 shows the buses and bus interface unit (BIU).
2.2 Bus interface unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com