Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38C3_M Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 38C3_M
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3_M Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 38C3_M Datasheet HTML 69Page - Renesas Technology Corp 38C3_M Datasheet HTML 70Page - Renesas Technology Corp 38C3_M Datasheet HTML 71Page - Renesas Technology Corp 38C3_M Datasheet HTML 72Page - Renesas Technology Corp 38C3_M Datasheet HTML 73Page - Renesas Technology Corp 38C3_M Datasheet HTML 74Page - Renesas Technology Corp 38C3_M Datasheet HTML 75Page - Renesas Technology Corp 38C3_M Datasheet HTML 76Page - Renesas Technology Corp 38C3_M Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 224 page
background image
2-8
38C3 Group User’s Manual
APPLICATION
2.1 I/O port
2.1.4 Notes on I/O port
(1)
Notes in standby state
In standby state]1 for low-power dissipation, do not make input levels of an input port and an I/O port
“undefined”.
Pull-up (connect the port to VCC) or pull-down (connect the port to VSS) these ports through a
resistor.
When determining a resistance value, note the following points:
• External circuit
• Variation of output levels during the ordinary operation
When using built-in pull-up resistor, note on varied current values:
• When setting as an input port : Fix its input level
• When setting as an output port : Prevent current from flowing out to external
l Reason
The potential which is input to the input buffer in a microcomputer is unstable in the state that input
levels of a input port and an I/O port are “undefined”. This may cause power source current.
]1 standby state: stop mode by executing STP instruction
wait mode by executing WIT instruction
(2)
Modifying port latch of I/O port with bit managing instruction
When the port latch of an I/O port is modified with the bit managing instruction]2, the value of the
unspecified bit may be changed.
l Reason
The bit managing instructions are read-modify-write form instructions for reading and writing data
by a byte unit. Accordingly, when these instructions are executed on a bit of the port latch of an
I/O port, the following is executed to all bits of the port latch.
•As for bit which is set for input port:
The pin state is read in the CPU, and is written to this bit after bit managing.
•As for bit which is set for output port:
The bit value is read in the CPU, and is written to this bit after bit managing.
Note the following:
•Even when a port which is set as an output port is changed for an input port, its port latch holds
the output data.
•As for a bit of which is set for an input port, its value may be changed even when not specified
with a bit managing instruction in case where the pin state differs from its port latch contents.
]2 Bit managing instructions: SEB and CLB instructions
(3)
Pull-up/Pull-down control
When each port which has built-in pull-up/pull-down resistor (P0, P1, P2, P4, P50, P52–P57, P6, P7,
P8) is set to output port, pull-up/pull-down control of corresponding port become invalid. (Pull-up/Pull-
down cannot be set.)
l Reason
Pull-up control is valid only when each direction register is set to the input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com