Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38C3 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 38C3
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 59Page - Renesas Technology Corp 38C3 Datasheet HTML 60Page - Renesas Technology Corp 38C3 Datasheet HTML 61Page - Renesas Technology Corp 38C3 Datasheet HTML 62Page - Renesas Technology Corp 38C3 Datasheet HTML 63Page - Renesas Technology Corp 38C3 Datasheet HTML 64Page - Renesas Technology Corp 38C3 Datasheet HTML 65Page - Renesas Technology Corp 38C3 Datasheet HTML 66Page - Renesas Technology Corp 38C3 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 224 page
background image
1-48
38C3 Group User’s Manual
HARDWARE
FUNCTIONAL DESCRIPTION SUPPLEMENT
A-D Converter
A-D conversion is started by setting AD conversion completion bit to
“0.” During A-D conversion, internal operations are performed as fol-
lows.
1. After the start of A-D conversion, A-D conversion register goes to
“0016.”
2. The highest-order bit of A-D conversion register is set to “1,” and
the comparison voltage Vref is input to the comparator. Then, Vref
is compared with analog input voltage VIN.
3. As a result of comparison, when Vref < VIN, the highest-order bit of
A-D conversion register becomes “1.” When Vref > VIN, the high-
est-order bit becomes “0.”
By repeating the above operations up to the lowest-order bit of the
A-D conversion register, an analog value converts into a digital value.
A-D conversion completes at 61 clock cycles (15.25
µs at f(XIN) = 8
MHz) after it is started, and the result of the conversion is stored into
the A-D conversion register.
Concurrently with the completion of A-D conversion, A-D conversion
interrupt request occurs, so that the AD conversion interrupt request
bit is set to “1.”
Table 15 Relative formula for a reference voltage VREF of A-D
converter and Vref
VREF
1024
V1–V10: A result of the first comparison to the tenth comparison
Table 16 Change of A-D conversion register during A-D conversion
At start of conversion
First comparison
Second comparison
Third comparison
After completion of tenth
comparison
0
A result of A-D conversion
V
1
Change of A-D conversion register
0
±
Value of comparison voltage (Vref)
VREF
2
VREF
2
VREF
4
±
VREF
2
VREF
4
±
VREF
8
When n = 0
Vref = 0
When n = 1 to 1023
Vref =
! n
n: Value of A-D converter (decimal numeral)
±
VREF
2
VREF
4
±
VREF
1024
±
• • • •
0
0
00
0
0
00
0
1
0
0
00
0
0
0
0
0
1
0
0
0
0
0
0
0
0
V
1 V2
00
0
0
00
0
1
V
1 V2 V3 V4 V5 V6 V7 V8 V9 V10
~
~
~
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com